Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments LM3243 Datasheet HTML 10Page - Texas Instruments LM3243 Datasheet HTML 11Page - Texas Instruments LM3243 Datasheet HTML 12Page - Texas Instruments LM3243 Datasheet HTML 13Page - Texas Instruments LM3243 Datasheet HTML 14Page - Texas Instruments LM3243 Datasheet HTML 15Page - Texas Instruments LM3243 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SW
FB
BGND
PGND
PVIN
BP
MODE
EN
ACB
SGND
VDD
CONTROL LOGIC
DRIVER
ACB
CTL
CURRENT
SENSE
+
-
+
-
+
-
SGND
ERROR AMP.
PFM COMP.
PWM COMP.
VCON
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 ACB
The 3GPP time mask requirement for 2G requires high current to be sourced by the LM3243. These high
currents are required for a small time during transients or under a heavy load. Over-rating the switching inductor
for these higher currents would increase the solution size and will not be an optimum solution. Thus, to allow an
optimal inductor size for such a load, an alternate current path is provided from the input supply through the ACB
pin. Once the switcher current limit ILIM,PFET,SteadyState is reached, the ACB circuit starts providing the additional
current required to support the load. The ACB circuit also minimizes the dropout voltage by having the analog
bypass FET in parallel with VOUT. The LM3243 can provide up to 2.5 A (minimum) of current in bypass mode with
a 4-A (maximum) peak current limit.
7.3.2 Bypass Operation
The Bypass circuit provides an analog bypass function with very low dropout resistance (Rtot_drop = 45 mΩ
typical). When BP = LOW the part will be in automatic bypass mode which will automatically determine the
amount of bypass needed to maintain voltage regulation. When the input supply voltage to the LM3243 is
lowered to a level where the commanded duty cycle is higher than what the converter is capable of providing, the
part will go into pulse-skipping mode. The switching frequency will be reduced to maintain a low and well-
behaved output voltage ripple. The analog bypass circuit will allow the converter to stay in regulation until full
bypass is reached (100% duty cycle operation). The converter comes out of full bypass and back into analog
bypass regulation mode with a similar reverse process.
To override the automatic bypass mode, either set VCON > (VIN)/(2.5) (but less than VIN) or set BP = HIGH for
forced bypass function. Forced bypass function is valid for 2.7 V < VIN < 5.5 V.
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com