Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 7Page - Texas Instruments LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments LM3243 Datasheet HTML 10Page - Texas Instruments LM3243 Datasheet HTML 11Page - Texas Instruments LM3243 Datasheet HTML 12Page - Texas Instruments LM3243 Datasheet HTML 13Page - Texas Instruments LM3243 Datasheet HTML 14Page - Texas Instruments LM3243 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The LM3243 is a high-efficiency step-down DC-DC converter optimized to power the RF power amplifier (PA) in
cell phones, portable communication devices, or battery-powered RF devices with a single Li-Ion battery. It
operates in fixed-frequency pulse width modulation (PWM) mode for 2G transmissions (with MODE = LOW),
automatic mode transition between PFM and PWM mode for 3G/4G RF PA operation (with MODE = HIGH),
forced bypass mode (with BP = HIGH), or in shutdown mode (with EN = LOW).
The fixed-frequency PWM mode provides high efficiency and very low output voltage ripple. In PFM mode, the
converter operates with reduced switching frequencies and lower supply current to maintain high efficiencies.
The forced bypass mode allows the user to drive the output directly from the input supply through a bypass FET.
The shutdown mode turns the LM3243 off and reduces current consumption to 0.02 µA (typical).
In PWM and PFM modes of operation, the output voltage of the LM3243 can be dynamically programmed from
0.4 V to 3.6 V (typical) by adjusting the voltage on VCON. Current overload protection and thermal overload
protection are also provided.
The LM3243 was engineered with Active Current assist and analog Bypass (ACB). This unique feature allows
the converter to support maximum load currents of 2.5 A (minimum) while keeping a small footprint inductor and
meeting all of the transient behaviors required for operation of a multi-mode RF Power Amplifier. The ACB circuit
provides an additional current path when the load current exceeds 1.4 A (typical) or as the switcher approaches
dropout. Similarly, the ACB circuit allows the converter to respond with faster VCON output voltage transition
times by providing extra output current on rising and falling output edges. The ACB circuit also performs the
function of analog bypass. Depending upon the input voltage, output voltage and load current, the ACB circuit
automatically and seamlessly transitions the converter into analog bypass while maintaining output voltage
regulation and low output voltage ripple. Full bypass (100% duty cycle operation) will occur if the total dropout
resistance in bypass mode (Rtot_drop = 45 mΩ) is insufficient to regulate the output voltage.
The LM3243 device’s 16-pin DSBGA package is the best solution for space-constrained applications such as cell
phones and other hand-held devices. The high switching frequency, 2.7 MHz (typical) in PWM mode, reduces
the size of input capacitors, output capacitors and of the inductor. Use of a DSBGA package is best suited for
opaque case applications and requires special design considerations for implementation. (Refer to DSBGA
Package Assembly and Use.) Because the LM3243 does not implement UVLO, the system controller should set
EN = LOW during power-up and UVLO conditions. (Refer to Shutdown Mode).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com