Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 13Page - Texas Instruments LM3243 Datasheet HTML 14Page - Texas Instruments LM3243 Datasheet HTML 15Page - Texas Instruments LM3243 Datasheet HTML 16Page - Texas Instruments LM3243 Datasheet HTML 17Page - Texas Instruments LM3243 Datasheet HTML 18Page - Texas Instruments LM3243 Datasheet HTML 19Page - Texas Instruments LM3243 Datasheet HTML 20Page - Texas Instruments LM3243 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
8 30 Ps
3.4V
3.4V
3.4V
EN
VCON
VOUT
ILOAD
0V
0A
< 200 mA
8 30 Ps
7 20 Ps
7 20 Ps
7 20 Ps
1V
1.7A
7 20 Ps
VCON = 0.4V
LM3243
VDD
SW
FB
EN
VCON
PGND
SGND
BP
ACB
GPIO
GPIO
MODE
PDM Output
DAC
PVIN
VOUT
VIN
10 µF
10 µF
4.7 µF
1.5 µH
BGND
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
Figure 18. Dynamic Adjustment of Output Voltage With DAC or PDM
8.2.2.3.2
PDM-Based VCON Signal
Figure 18 shows the application circuit that enables the LM3243 to dynamically adjust the output voltage using a
GPIO pin from the system controller. Figure 19 shows the waveforms when adjusted dynamically. The PDM
signal of the GPIO is filtered using a low-pass filter and fed to the VCON pin. As the bitstream of the PDM signal
changes, the voltage on the VCON pin changes. Thus, the GPIO pin can be used to dynamically adjust the
output voltage. The double low-pass filter reduces the ripple at VCON to avoid any excessive VCON-induced
ripple at the output voltage.
Figure 19. Dynamic Adjustment of Output Voltage With GPIO
8.2.2.3.3
VCON Pin
Figure 20 shows the equivalent CRC circuit for the VCON pin. This circuit is internal to the part and should be
taken into consideration when driving this pin.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com