Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP75 Datasheet HTML 2Page - Texas Instruments TMP75 Datasheet HTML 3Page - Texas Instruments TMP75 Datasheet HTML 4Page - Texas Instruments TMP75 Datasheet HTML 5Page - Texas Instruments TMP75 Datasheet HTML 6Page - Texas Instruments TMP75 Datasheet HTML 7Page - Texas Instruments TMP75 Datasheet HTML 8Page - Texas Instruments TMP75 Datasheet HTML 9Page - Texas Instruments TMP75 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TMP175, 75
6
SBOS288C
www.ti.com
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the reso-
lution bits accordingly. For 9-, 10-, or 11-bit resolution, the most
significant bits in the Temperature Register are used with the
unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP175 and TMP75 is shown in Table VI, followed by a
breakdown of the register bits. The power-up/reset value of
the Configuration Register is all bits equal to 0.
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured tempera-
ture exceeds the user-defined limits set in the THIGH and
TLOW Registers. Additionally, the number of fault conditions
required to generate an alert may be programmed using the
fault queue. The fault queue is provided to prevent a false
alert as a result of environmental noise. The fault queue
requires consecutive fault measurements in order to trigger
the alert function. If the temperature falls below TLOW, prior
to reaching the number of programmed consecutive faults
limit, the count is reset to 0. Table VII defines the number of
measured faults that may be programmed to trigger an alert
condition in the device.
TEMPERATURE
DIGITAL OUTPUT
(°C)
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0.0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
–128
1000 0000 0000
800
TABLE V. Temperature Data Format.
F1
F0
CONSECUTIVE FAULTS
00
1
01
2
10
4
11
6
TABLE VII. Fault Settings of the TMP175 and TMP75.
CONVERSION TIME
R1
R0
RESOLUTION
(typical)
0
0
9 Bits (0.5°C)
27.5ms
0
1
10 Bits (0.25°C)
55ms
1
0
11 Bits (0.125°C)
110ms
1
1
12 Bits (0.0625°C)
220ms
TABLE VIII. Resolution of the TMP175 and TMP75.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
TABLE VI. Configuration Register Format.
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP175 and TMP75 allows the
user to save maximum power by shutting down all device
circuitry other than the serial interface, which reduces current
consumption to typically less than 0.1
µA. Shutdown Mode is
enabled when the SD bit is 1; the device will shut down once the
current conversion is completed. When SD is equal to 0, the
device will maintain a continuous conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP175 and TMP75 indicates
to the device whether to operate in Comparator Mode (TM = 0)
or Interrupt Mode (TM = 1). For more information on comparator
and interrupt modes, see the section, High and Low Limit
Registers.
POLARITY (POL)
The Polarity Bit of the TMP175 and TMP75 allows the user
to adjust the polarity of the ALERT pin output. If POL = 0, the
ALERT pin will be active LOW, as shown in Figure 3. For
POL = 1, the ALERT Pin will be active HIGH, and the state
of the ALERT Pin is inverted.
FIGURE 3. Output Transfer Function Diagrams.
Measured
Temperature
T
HIGH
T
LOW
TMP75/TMP175 ALERT PIN
(Comparator Mode)
POL = 0
TMP75/TMP175 ALERT PIN
(Interrupt Mode)
POL = 0
TMP75/TMP175 ALERT PIN
(Comparator Mode)
POL = 1
TMP75/TMP175 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This allows the
user to maximize efficiency by programming for higher reso-
lution or faster conversion time. Table VIII identifies the
Resolution Bits and relationship between resolution and con-
version time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com