Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75 Datasheet(HTML) 3 Page - Texas Instruments

  TMP75 Datasheet HTML 1Page - Texas Instruments TMP75 Datasheet HTML 2Page - Texas Instruments TMP75 Datasheet HTML 3Page - Texas Instruments TMP75 Datasheet HTML 4Page - Texas Instruments TMP75 Datasheet HTML 5Page - Texas Instruments TMP75 Datasheet HTML 6Page - Texas Instruments TMP75 Datasheet HTML 7Page - Texas Instruments TMP75 Datasheet HTML 8Page - Texas Instruments TMP75 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TMP175, 75
SBOS288C
www.ti.com
3
TMP175
TMP75
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
–40
+125
–40
+125
°C
Accuracy (Temperature Error)
–25°C to +85°C
±0.5
±1.5
±0.5
±2.0
°C
–40°C to +125°C
±1.0
±2.0
±1.0
±3.0
°C
vs Supply
0.2
±0.5
0.2
±0.5
°C/V
Resolution(1)
Selectable
+0.0625
+0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
33
pF
Input Logic Levels:
VIH
0.7(V+)
6.0
0.7(V+)
6.0
V
VIL
–0.5
0.3(V+)
–0.5
0.3(V+)
V
Leakage Input Current, IIN
0V - VIN - 6V
1
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
500
500
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
0
0.15
0.4
V
Resolution
Selectable
9 to 12
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
27.5
37.5
ms
10-Bit
55
75
55
75
ms
11-Bit
110
150
110
150
ms
12-Bit
220
300
220
300
ms
Timeout Time
25
54
74
25
54
74
ms
POWER SUPPLY
Operating Range
2.7
5.5
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
100
µA
Serial Bus Active, SCL Freq = 3.4MHz
410
410
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
3
0.1
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
60
µA
Serial Bus Active, SCL Freq = 3.4MHz
380
380
µA
TEMPERATURE RANGE
Specified Range
–40
+125
–40
+125
°C
Operating Range
–55
+127
–55
+127
°C
Thermal Resistance,
θJA
SO-8
150
150
°C/W
NOTE: (1) Specified for 12-bit resolution.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com