Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP75 Datasheet HTML 5Page - Texas Instruments TMP75 Datasheet HTML 6Page - Texas Instruments TMP75 Datasheet HTML 7Page - Texas Instruments TMP75 Datasheet HTML 8Page - Texas Instruments TMP75 Datasheet HTML 9Page - Texas Instruments TMP75 Datasheet HTML 10Page - Texas Instruments TMP75 Datasheet HTML 11Page - Texas Instruments TMP75 Datasheet HTML 12Page - Texas Instruments TMP75 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TMP175, 75
SBOS288C
www.ti.com
9
GENERAL CALL
The TMP175 and TMP75 respond to a Two-Wire General
Call address (0000000) if the eighth bit is 0. The device will
acknowledge the General Call address and respond to com-
mands in the second byte. If the second byte is 00000100,
the TMP175 and TMP75 will latch the status of their address
pins, but will not reset. If the second byte is 00000110, the
TMP175 and TMP75 will latch the status of their address pins
and reset their internal registers to their power-up values.
HIGH-SPEED MODE
In order for the Two-Wire bus to operate at frequencies
above 400kHz, the master device must issue an Hs-mode
master code (00001XXX) as the first byte after a START
condition to switch the bus to high-speed operation. The
TMP175 and TMP75 will not acknowledge this byte, but will
switch their input filters on SDA and SCL and their output
filters on SDA to operate in Hs-mode, allowing transfers at up
to 3.4MHz. After the Hs-mode master code has been issued,
the master will transmit a Two-Wire slave address to initiate
a data transfer operation. The bus will continue to operate in
Hs-mode until a STOP condition occurs on the bus. Upon
receiving the STOP condition, the TMP175 and TMP75 will
switch the input and output filter back to fast-mode operation.
TIMEOUT FUNCTION
The TMP175 and TMP75 will reset the serial interface if
either SCL or SDA are held low for 54ms (typ) between a
START and STOP condition. The TMP175 and TMP75 will
release the bus if it is pulled low and will wait for a start
condition. The timeout function requires a communication
speed of at least 1kHz for SCL operating frequency.
TIMING DIAGRAMS
The TMP175 and TMP75 are Two-Wire and SMBus compat-
ible. Figures 4 to 8 describe the various operations on the
TMP175 and TMP75. Bus definitions are given below. Pa-
rameters for Figure 4 are defined in Table XIII.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred be-
tween a START and a STOP condition is not limited and is
determined by the master device. The receiver acknowl-
edges the transfer of data.
Acknowledge: Each receiving device, when addressed, is
obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line is
stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into ac-
count. On a master receive, the termination of the data
transfer can be signaled by the master generating a Not-
Acknowledge on the last byte that has been transmitted by
the slave.
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCL Operating Frequency
f(SCL)
0.001
0.4
0.001
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold Time After Repeated START Condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
Repeated START Condition Setup Time
t(SUSTA)
100
100
ns
STOP Condition Setup Time
t(SUSTO)
100
100
ns
Data Hold Time
t(HDDAT)
00
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCL Clock LOW Period
t(LOW)
1300
160
ns
SCL Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
TABLE XIII. Timing Diagram Definitions for TMP175 and TMP75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com