Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75 Datasheet(HTML) 1 Page - Texas Instruments

  TMP75 Datasheet HTML 1Page - Texas Instruments TMP75 Datasheet HTML 2Page - Texas Instruments TMP75 Datasheet HTML 3Page - Texas Instruments TMP75 Datasheet HTML 4Page - Texas Instruments TMP75 Datasheet HTML 5Page - Texas Instruments TMP75 Datasheet HTML 6Page - Texas Instruments TMP75 Datasheet HTML 7Page - Texas Instruments TMP75 Datasheet HTML 8Page - Texas Instruments TMP75 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMP175
TMP75
SBOS288C – JANUARY 2004 – REVISED MARCH 2004
www.ti.com
DESCRIPTION
The TMP175 and TMP75 are Two-Wire, serial output tem-
perature sensors available in an SO-8 package. Requiring no
external components, the TMP175 and TMP75 are capable
of reading temperatures with a resolution of 0.0625°C.
The TMP175 and TMP75 feature a Two-Wire interface that
is SMBus-compatible, with the TMP175 allowing up to 27
devices on one bus and the TMP75 allowing up to eight
devices on one bus. The TMP175 and TMP75 both feature
an SMBus alert function.
The TMP175 and TMP75 are ideal for extended temperature
measurement in a variety of communication, computer, con-
sumer, environmental, industrial, and instrumentation appli-
cations.
The TMP175 and TMP75 are specified for operation over a
temperature range of –40°C to +125°C.
FEATURES
27 ADDRESSES (TMP175)
8 ADDRESSES (TMP75)
DIGITAL OUTPUT: Two-Wire Serial Interface
RESOLUTION: 9- to 12-Bits, User-Selectable
ACCURACY: ±1.5°C (max) from –25°C to +85°C
±2.0°C (max) from –40°C to +125°C
LOW QUIESCENT CURRENT: 50
µ
µµ
µµA, 0.1µ
µµ
µµA Standby
WIDE SUPPLY RANGE: 2.7V to 5.5V
SMALL SO-8 PACKAGE
Copyright © 2004, Texas Instruments Incorporated
Digital Temperature Sensor
with Two-Wire Interface
APPLICATIONS
POWER-SUPPLY TEMPERATURE MONITORING
COMPUTER PERIPHERAL THERMAL PROTECTION
NOTEBOOK COMPUTERS
CELL PHONES
BATTERY MANAGEMENT
OFFICE MACHINES
THERMOSTAT CONTROLS
ENVIRONMENTAL MONITORING and HVAC
ELECTROMECHANICAL DEVICE TEMPERATURE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP175, TMP75
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
27
A0
A2
TMP175
TMP75
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMP75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75 TI-TMP75 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP75 TI1-TMP75 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75 TI1-TMP75 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
logo
Guangdong Youtai Semico...
TMP75 UMW-TMP75 Datasheet
724Kb / 15P
1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
logo
Texas Instruments
TMP75 TI-TMP75 Datasheet
755Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
More results

Similar Description - TMP75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com