Electronic Components Datasheet Search
  English  ▼

X  

VT82C596B Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-44-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 81 – ISA Positive Decoding Control 1 ..................RW
7
On-Board I/O Port Positive Decoding
0
Disable ...................................................default
1Enable
6
Microsoft-Sound
System
I/O
Port
Positive
Decoding
0
Disable ...................................................default
1Enable
5-4
Microsoft-Sound System I/O Decode Range
00 0530h-0537h ..........................................default
01 0604h-060Bh
10 0E80-0E87h
11 0F40h-0F47h
3
APIC Positive Decoding
0
Disable ...................................................default
1Enable
2
BIOS ROM Positive Decoding
0
Disable ...................................................default
1Enable
1
PCS1 Positive Decoding
0
Disable ...................................................default
1Enable
0
PCS0 Positive Decoding
0
Disable ...................................................default
1Enable
Offset 82 – ISA Positive Decoding Control 2.................. RW
7
FDC Positive Decoding
0
Disable................................................... default
1Enable
6
LPT Positive Decoding
0
Disable................................................... default
1Enable
5-4
LPT Decode Range
00 3BCh-3BFh, 7BCh-7BEh ...................... default
01 378h-37Fh, 778h-77Ah
10 278h-27Fh, 678h-67Ah
11 -reserved-
3
Game Port Positive Decoding
0
Disable................................................... default
1Enable
2
MIDI Positive Decoding
0
Disable................................................... default
1Enable
1-0
MIDI Decode Range
00 300h-303h.............................................. default
01 310h-313h
10 320h-323h
11 330h-333h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com