Electronic Components Datasheet Search
  English  ▼

X  

VT82C596B Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 62Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-60-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 42 - SCI Interrupt Configuration (00h) ...............RW
7
ATX/AT Power Indicator....................................RO
0
ATX .....................................................default
1AT
6
SUSC State ..........................................................RO
5
Reserved
........................................ always reads 0
4
SUSC Default Off Enable Status ........................RO
3-0
SCI Interrupt Assignment
0000 Disabled .................................................default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 IRQ8
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 IRQ13
1110 IRQ14
1111 IRQ15
Offset 45-44 - Primary Interrupt Channel (0000h) ....... RW
15
1/0 = Ena/Disa IRQ15 as Primary Intrpt Channel
14
1/0 = Ena/Disa IRQ14 as Primary Intrpt Channel
13
1/0 = Ena/Disa IRQ13 as Primary Intrpt Channel
12
1/0 = Ena/Disa IRQ12 as Primary Intrpt Channel
11
1/0 = Ena/Disa IRQ11 as Primary Intrpt Channel
10
1/0 = Ena/Disa IRQ10 as Primary Intrpt Channel
9
1/0 = Ena/Disa IRQ9 as Primary Intrpt Channel
8
1/0 = Ena/Disa IRQ8 as Primary Intrpt Channel
7
1/0 = Ena/Disa IRQ7 as Primary Intrpt Channel
6
1/0 = Ena/Disa IRQ6 as Primary Intrpt Channel
5
1/0 = Ena/Disa IRQ5 as Primary Intrpt Channel
4
1/0 = Ena/Disa IRQ4 as Primary Intrpt Channel
3
1/0 = Ena/Disa IRQ3 as Primary Intrpt Channel
2
Reserved
........................................ always reads 0
1
1/0 = Ena/Disa IRQ1 as Primary Intrpt Channel
0
1/0 = Ena/Disa IRQ0 as Primary Intrpt Channel
Offset 47-46 - Secondary Interrupt Channel (0000h).... RW
15
1/0 = Ena/Disa IRQ15 as Secondary Intr Channel
14
1/0 = Ena/Disa IRQ14 as Secondary Intr Channel
13
1/0 = Ena/Disa IRQ13 as Secondary Intr Channel
12
1/0 = Ena/Disa IRQ12 as Secondary Intr Channel
11
1/0 = Ena/Disa IRQ11 as Secondary Intr Channel
10
1/0 = Ena/Disa IRQ10 as Secondary Intr Channel
9
1/0 = Ena/Disa IRQ9 as Secondary Intr Channel
8
1/0 = Ena/Disa IRQ8 as Secondary Intr Channel
7
1/0 = Ena/Disa IRQ7 as Secondary Intr Channel
6
1/0 = Ena/Disa IRQ6 as Secondary Intr Channel
5
1/0 = Ena/Disa IRQ5 as Secondary Intr Channel
4
1/0 = Ena/Disa IRQ4 as Secondary Intr Channel
3
1/0 = Ena/Disa IRQ3 as Secondary Intr Channel
2
Reserved
........................................ always reads 0
1
1/0 = Ena/Disa IRQ1 as Secondary Intr Channel
0
1/0 = Ena/Disa IRQ0 as Secondary Intr Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com