Electronic Components Datasheet Search
  English  ▼

X  

VT82C596B Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 55Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 56Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 57Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-48-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 13-10 - Pri Data / Command Base Address..........RW
Specifies an 8 byte I/O address space.
31-16 Reserved
..........................................always read 0
15-3 Port Address ....................................... default=01F0h
2-0
Fixed at 001b ..................................................... fixed
Offset 17-14 - Pri Control / Status Base Address............RW
Specifies a 4 byte I/O address space of which only the third
byte is active (i.e., 3F6h for the default base address of 3F4h).
31-16 Reserved
..........................................always read 0
15-2 Port Address....................................... default=03F4h
1-0
Fixed at 01b ....................................................... fixed
Offset 1B-18 - Sec Data / Command Base Address ........RW
Specifies an 8 byte I/O address space.
31-16 Reserved
..........................................always read 0
15-3 Port Address ...................................... default=0170h
2-0
Fixed at 001b ..................................................... fixed
Offset 1F-1C - Sec Control / Status Base Address..........RW
Specifies a 4 byte I/O address space of which only the third
byte is active (i.e., 376h for the default base address of 374h).
31-16 Reserved
..........................................always read 0
15-2 Port Address ...................................... default=0374h
1-0
Fixed at 01b ....................................................... fixed
Offset 23-20 - Bus Master Control Regs Base Address..RW
Specifies a 16 byte I/O address space compliant with the SFF-
8038i rev 1.0 specification.
31-16 Reserved
..........................................always read 0
15-4 Port Address ....................................... default=CC0h
3-0
Fixed at 0001b .................................................. fixed
Offset 3C - Interrupt Line (0Eh) ..................................... RW
Offset 3D - Interrupt Pin (00h)......................................... RO
7-0
Interrupt Routing Mode
00h Legacy mode interrupt routing............... default
01h Native mode interrupt routing
Offset 3E - Min Gnt (00h) ................................................. RO
Offset 3F - Max Latency (00h).......................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com