Electronic Components Datasheet Search
  English  ▼

X  

VT82C596B Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-45-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 83 – ISA Positive Decoding Control 3 ..................RW
7
COM Port B Positive Decoding
0
Disable ...................................................default
1Enable
6-4
COM-Port B Decode Range
000 3F8h-3FFh
(COM1) ............................default
001 2F8h-2FFh
(COM2)
010 220h-227h
011 228h-22Fh
100 238h-23Fh
101 2E8h-2EFh (COM4)
110 338h-33Fh
111 3E8h-3EFh (COM3)
3
COM Port A Positive Decoding
0
Disable ...................................................default
1Enable
2-0
COM-Port A Decode Range
000 3F8h-3FFh
(COM1) ............................default
001 2F8h-2FFh
(COM2)
010 220h-227h
011 228h-22Fh
100 238h-23Fh
101 2E8h-2EFh (COM4)
110 338h-33Fh
111 3E8h-3EFh (COM3)
Offset 84 – ISA Positive Decoding Control 4.................. RW
7-4
Reserved
........................................ always reads 0
3
FDC Decoding Range
0
Primary .................................................. default
1
Secondary
2
Sound Blaster Positive Decoding
0
Disable................................................... default
1Enable
1-0
Sound Blaster Decode Range
00 220h-22Fh, 230h-233h .......................... default
01 240h-24Fh, 250h-253h
10 260h-26Fh, 270h-273h
11 280h-28Fh, 290h-293h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com