Electronic Components Datasheet Search
  English  ▼

X  

DP8422A Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422A Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP8422A Datasheet HTML 50Page - National Semiconductor (TI) DP8422A Datasheet HTML 51Page - National Semiconductor (TI) DP8422A Datasheet HTML 52Page - National Semiconductor (TI) DP8422A Datasheet HTML 53Page - National Semiconductor (TI) DP8422A Datasheet HTML 54Page - National Semiconductor (TI) DP8422A Datasheet HTML 55Page - National Semiconductor (TI) DP8422A Datasheet HTML 56Page - National Semiconductor (TI) DP8422A Datasheet HTML 57Page - National Semiconductor (TI) DP8422A Datasheet HTML 58Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Mode 1 Dual Access
8420A21A22A-20
8420A21A22A-25
Number
Symbol
Parameter Description
CL
CH
CL
CH
Min
Max
Min
Max
Min
Max
Min
Max
450
tSADDCKG
Row Address Setup to CLK High That
Asserts RAS following a GRANTB
11
15
11
16
Port Change to Ensure tASR e 0ns
451
tPCKRASG
CLK High to RAS Asserted
48
53
38
42
for Pending Access
452
tPCLKDL2
CLK to DTACK Asserted for Delayed
53
53
43
43
Accesses (Programmed as DTACK0)
453a
tPCKCASG0
CLK High to CAS Asserted
for Pending Access
101
109
86
93
(tRAH e 15 ns tASC e 0 ns)
453b
tPCKCASG1
CLK High to CAS Asserted
for Pending Access
111
119
96
103
(tRAH e 15 ns tASC e 10 ns)
453c
tPCKCASG2
CLK High to CAS Asserted
for Pending Access
111
119
96
103
(tRAH e 25 ns tASC e 0 ns)
453d
tPCKCASG3
CLK High to CAS Asserted
for Pending Access
121
129
106
113
(tRAH e 25 ns tASC e 10 ns)
454
tSBADDCKG
Bank Address Valid Setup to CLK High
5544
that Asserts RAS for Pending Access
455
tSADSCK0
ADS Asserted Setup to CLK High
12
12
11
11
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com