Electronic Components Datasheet Search
  English  ▼

X  

DP8422A Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422A Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP8422A Datasheet HTML 50Page - National Semiconductor (TI) DP8422A Datasheet HTML 51Page - National Semiconductor (TI) DP8422A Datasheet HTML 52Page - National Semiconductor (TI) DP8422A Datasheet HTML 53Page - National Semiconductor (TI) DP8422A Datasheet HTML 54Page - National Semiconductor (TI) DP8422A Datasheet HTML 55Page - National Semiconductor (TI) DP8422A Datasheet HTML 56Page - National Semiconductor (TI) DP8422A Datasheet HTML 57Page - National Semiconductor (TI) DP8422A Datasheet HTML 58Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18
DRAMs per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Programming
8420A21A22A-20
8420A21A22A-25
Number
Symbol
Parameter Description
CL
CH
CL
CH
Min
Max
Min
Max
Min
Max
Min
Max
500
tHMLADD
Mode Address Held from ML Negated
8
8
7
7
501
tSADDML
Mode Address Setup to ML Negated
6
6
6
6
502
tWML
ML Pulse Width
15
15
15
15
503
tSADAQML
Mode Address Setup to AREQ Asserted
0
0
0
0
504
tHADAQML
Mode Address Held from AREQ Asserted
51
51
38
38
505
tSCSARQ
CS Asserted Setup to
6666
AREQ Asserted
506
tSMLARQ
ML Asserted Setup to AREQ Asserted
10
10
10
10
TLF8588 – F7
FIGURE 44 500 Programming
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com