Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT809 Datasheet HTML 1Page - Catalyst Semiconductor CAT809 Datasheet HTML 2Page - Catalyst Semiconductor CAT809 Datasheet HTML 3Page - Catalyst Semiconductor CAT809 Datasheet HTML 4Page - Catalyst Semiconductor CAT809 Datasheet HTML 5Page - Catalyst Semiconductor CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
CAT809, CAT810
Doc. No. 3004, Rev. S
Patent Pending
ABSOLUTE MAXIMUM RATINGS*
Any pin with respect to ground .......... -0.3 V to +6.0 V
Input Current, VCC ............................................. 20 mA
Output Current, RESET,
RESET ...................... 20 mA
Rate of Rise, VCC ............................................................. 100 V/
µs
Continuous Power Dissipation
Derate 2.2mW/˚C above 70˚C (SC70) ......... 175 mW
Derate 4mW/˚C above 70˚C (SOT23) ......... 320 mW
Operating Temperature Range ........... -40
°C to +85°C
Storage Temperature Range ............ -65
°C to +105°C
Lead Soldering Temperature (10 sec) .............. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25˚C and VCC = 5 V for the
L/M/J versions, VCC = 3.3 V for the T/S versions, VCC = 3 V for the R version and VCC = 2.5 V for the Z version.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VCC Range
TA = 0˚C to +70˚C
1.0
5.5
TA = -40˚C to +85˚C
1.2
5.5
VCC < 5.5 V, J/L/M
8
20
VCC < 3.6 V, R/S/T/Z
6
15
TA = +25˚C
4.56
4.63
4.70
TA = -40˚C to +85˚C
4.50
4.75
TA = +25˚C
4.31
4.38
4.45
TA = -40˚C to +85˚C
4.25
4.50
TA = +25˚C
3.93
4.00
4.06
TA = -40˚C to +85˚C
3.89
4.10
TA = +25˚C
3.04
3.08
3.11
TA = -40˚C to +85˚C
3.00
3.15
TA = +25˚C
2.89
2.93
2.96
TA = -40˚C to +85˚C
2.85
3.00
TA = +25˚C
2.59
2.63
2.66
TA = -40˚C to +85˚C
2.55
2.70
TA = +25˚C
2.28
2.32
2.35
TA = -40˚C to +85˚C
2.25
2.38
TA = -40˚C to +85˚C
Supply Current
ICC
V
µA
L Threshold
M Threshold
J Threshold
T Threshold
S Threshold
R Threshold
Z Threshold
V
Reset
Threshold
Voltage
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com