Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 4Page - Catalyst Semiconductor CAT809 Datasheet HTML 5Page - Catalyst Semiconductor CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor CAT809 Datasheet HTML 10Page - Catalyst Semiconductor CAT809 Datasheet HTML 11Page - Catalyst Semiconductor CAT809 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
CAT809, CAT810
Doc. No. 3004, Rev. S
Patent Pending
VALID RESET WITH VCC UNDER 1.0 V
To ensure that the CAT809
RESET pin is in a known state when VCC is under 1.0 V, a 100 k
Ω pull-down resistor
between
RESET pin and GND is recommended; the value is not critical. For the CAT810, a pull-up resistor from
RESET pin to VCC is needed.
BI-DIRECTIONAL RESET PIN INTERFACING
The CAT809/810 can interface with
µP/µC bi-directional reset pins by connecting a 4.7 kΩ resistor in series with the
CAT809/810 reset output and the
µP/µC bi-directional reset pin.
CAT809
GND
VCC
100k
Ω
Power
Supply
RESET
CAT810
GND
VCC
100k
Ω
Power
Supply
RESET
FIGURE 3.
RESET
RESET
RESET
RESET
RESET Valid with VCC Under 1.0 V
FIGURE 4. RESET Valid with VCC Under 1.1 V
FIGURE 5. Bi-directional Reset Pin Interfacing
CAT809
GND
VCC
4.7k
Ω
Power
Supply
RESET
Buffered
RESET
BUF
RESET
INPUT
GND
Bi-directional I/O Pin
µP
(For example: 68HC11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com