Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 5Page - Catalyst Semiconductor CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor CAT809 Datasheet HTML 10Page - Catalyst Semiconductor CAT809 Datasheet HTML 11Page - Catalyst Semiconductor CAT809 Datasheet HTML 12Page - Catalyst Semiconductor CAT809 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
CAT809, CAT810
Doc. No. 3004, Rev. S
Patent Pending
PACKAGE INFORMATION
Plastic SOT-23 (3-Pin)
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-23 (3-Pin)
A
0.0350
0.0441
0.89
1.12
A1
0.0005
0.0039
0.013
0.10
B
0.0146
0.0197
0.37
0.50
c
0.0033
0.0071
0.085
0.18
D
0.1102
0.1197
2.80
3.04
E
0.0472
0.0551
1.20
1.40
e
0.0350
0.0406
0.89
1.03
e1
0.0701
0.0807
1.78
2.05
H
0.0827
0.1039
2.10
2.64
∝
0
°
8
°
0
°
8
°
L
0.0083
0.0161
0.275
0.41
L1
0.0160
0.0270
0.275
0.685
NOTE:
1. THIS PART IS COMPLIANT WITH JEDEC
SPECIFICATION TO-236AB
2. DIE IS FACE UP FOR MOLD AND TRIM/FORM
3. DIMENSIONS ARE EXCLUSIVE OF MOLD
FLASH AND METAL BURR
B
H
E
e1
A1
A
D
E
c
L
∝
e
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com