Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 2Page - Catalyst Semiconductor CAT809 Datasheet HTML 3Page - Catalyst Semiconductor CAT809 Datasheet HTML 4Page - Catalyst Semiconductor CAT809 Datasheet HTML 5Page - Catalyst Semiconductor CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor CAT809 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
CAT809, CAT810
Doc. No. 3004, Rev. S
Patent Pending
TYPICAL OPERATING CHARACTERISTICS
VCC = Full range, TA = -40˚C to +85˚C unless otherwise noted. Typical values at TA = +25˚C and VCC = 5 V for
L/M/J versions, VCC=3.3 V for T/S versions, VCC = 3 V for R version and VCC = 2.5 V for Z version.
SUPPLY CURRENT VS. TEMPERATURE
(NO LOAD, CAT8xxR/S/T/Z)
12
10
8
6
4
2
0
-50
0
50
100
150
TEMPERATURE (˚C)
POWER-DOWN RESET DELAY VS. TEMPERATURE
(CAT8xxR/S/T/Z)
14
12
10
8
6
4
2
0
TEMPERATURE (˚C)
POWER-UP RESET TIMEOUT
VS. TEMPERATURE
260
240
220
200
180
160
TEMPERATURE (˚C)
NORMALIZED RESET THRESHOLD
VS. TEMPERATURE
1.0002
1
0.9998
0.9996
0.9994
0.9992
0.999
0.9988
0
20
40
60
80
100
120
TEMPERATURE (˚C)
VCC=3.6V
VCC=5.5V
-50
0
50
100
150
VCC=5V
VCC=2.5V
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com