Electronic Components Datasheet Search
  English  ▼

X  

LM3549 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments LM3549 Datasheet HTML 18Page - Texas Instruments LM3549 Datasheet HTML 19Page - Texas Instruments LM3549 Datasheet HTML 20Page - Texas Instruments LM3549 Datasheet HTML 21Page - Texas Instruments LM3549 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
15h ILIMIT
ILIMIT register sets the buck-boost converters current limit values.
BIT[1:0] NEG_LIMIT[1:0]
Selects buck-boost converters negative current limit.
BIT
NEGATIVE CURRENT LIMIT
0
0
550 mA
0
1
1100 mA
1
0
1650 mA
1
1
2200 mA
BIT[5:4] POS_LIMIT[1:0]
Selects buck-boost converters positive current limit.
BIT
POSITIVE CURRENT LIMIT
0
0
500 mA
0
1
1000 mA
1
0
1500 mA
1
1
2000 mA
16h F_MASK
Fault output mask register. Can be used to disable fault output from desired faults.
17h FAULT
Fault register. If fault occurs corresponding fault bits are set in fault register. Reading Fault register resets it.
Read only register.
BIT[0] OCP
Over current protection. Buck-boost converters current limit has been reached.
BIT[1] TSD
Thermal shutdown fault. Junction temperature has risen abowe TSD level.
BIT[2] UVLO
Under voltage lock-out. Input voltage has fallen below UVLO threshold level.
BIT[4:3] OPEN[1:0]
LED open fault.
BIT
FAULT
0
0
No fault
0
1
Red open
1
0
Green open
1
1
Blue open
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com