Electronic Components Datasheet Search
  English  ▼

X  

LM3549 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments LM3549 Datasheet HTML 18Page - Texas Instruments LM3549 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
1
8
2
3
7
6
5
8
10
4
9
1
7
SDA
SCL
A
S
W
.
A
A
P
RS
R A
From Master to Slave
From Slave to Master
Data- Data
( 8 bits)
- ACKNOWLEDGE
- START CONDITION
- STOP CONDITION
- REPEATED START CONDITION
- WRITE
- READ
A
S
RS
P
W
R
Slave Address
( 7 bits)
Control Register Add
( 8 bits)
Slave Address
( 7 bits)
LM3549
www.ti.com
SNVS640A – AUGUST 2010 – REVISED MAY 2013
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
Figure 24
Figure 24. I2C Read Cycle
Figure 25. I2C Timing Diagram
Table 1. I2C Timing Parameters
Limit
Symbol
Parameter
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold
300
900
ns
5
Data Hold Time (input direction)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall Time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
Cb
Capacitive Load for Each Bus Line
10
200
pF
Register Map
ADDR
NAME
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
NOTE
00H
BANK_SEL
Bank_sel[1:0]
00H
EEPROM
01H
IR0_LSB
Red 0 [7:0]
81H
EEPROM
02H
IR0_MSB
N/A
Red 0 [9:8]
01H
EEPROM
03H
IG0_LSB
Green 0 [7:0]
81H
EEPROM
04H
IG0_MSB
N/A
Green 0 [9:8]
01H
EEPROM
05H
IB0_LSB
Blue 0 [7:0]
81H
EEPROM
06H
IB0_MSB
N/A
Blue 0 [9:8]
01H
EEPROM
07H
IR1_LSB
Red 1 [7:0]
E7H
EEPROM
08H
IR1_MSB
N/A
Red 1 [9:8]
00H
EEPROM
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com