Electronic Components Datasheet Search
  English  ▼

X  

LM3549 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments LM3549 Datasheet HTML 18Page - Texas Instruments LM3549 Datasheet HTML 19Page - Texas Instruments LM3549 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
ADDR
NAME
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
NOTE
09H
IG1_LSB
Green 1 [7:0]
E7H
EEPROM
0AH
IG1_MSB
N/A
Green 1 [9:8]
00H
EEPROM
0BH
IB1_LSB
Blue 1 [7:0]
E7H
EEPROM
0CH
IB1_MSB
N/A
Blue 1 [9:8]
00H
EEPROM
0DH
IR2_LSB
Red 2 [7:0]
4DH
EEPROM
0EH
IR2_MSB
N/A
Red 2 [9:8]
00H
EEPROM
0FH
IG2_LSB
Green 2 [7:0]
4DH
EEPROM
10H
IG2_MSB
N/A
Green 2 [9:8]
00H
EEPROM
11H
IB2_LSB
Blue 2 [7:0]
4DH
EEPROM
12H
IB2_MSB
N/A
Blue 2 [9:8]
00H
EEPROM
13H
FADER
MASTER FADER [7:0]
FFH
EEPROM
14H
CTRL
N/A
SOFT
TIME OUT[1:0]
MFE
PWM
00H
EEPROM
START[1:0]
15H
ILIMIT
N/A
POS_LIMIT[1:0]
N/A
NEG_LIMIT[1:0]
11H
EEPROM
16H
F_MASK
N/A
SHORT
OPEN
UVLO
TSD
OCP
00H
EEPROM
17H
FAULT
N/A
SHORT[1:0]
OPEN[1:0]
UVLO
TSD
OCP
00H
Read Only
19H
USR1
User Register1[7:0]
00H
EEPROM
1AH
USR2
User Register2[7:0]
00H
EEPROM
40H
EEPROM
EE
EE init
EE prog
EE read
00H
R/W
CONTROL
ready
I
2C Register Details
00h BANK_SEL[1:0]
Bank selection register. Selects one of the three current setting banks.
BIT
BANK SELECTION
0
0
Bank 0
0
1
Bank 1
1
0
Bank 2
1
1
Bank 2
01h IR0_LSB and 02h IR0_MSB
Red LED current setting for Bank 0. IR0_LSB holds the eight least significant bits and IR0_MSB the two most
significant bits.
03h IG0_LSB and 04h IG0_MSB
Green LED current setting for Bank 0. IG0_LSB holds the eight least significant bits and IG0_MSB the two most
significant bits.
05h IB0_LSB and 06h IB0_MSB
Blue LED current setting for Bank 0. IB0_LSB holds the eight least significant bits and IB0_MSB the two most
significant bits.
07h IR1_LSB and 08h IR1_MSB
Red LED current setting for Bank 1. IR1_LSB holds the eight least significant bits and IR1_MSB the two most
significant bits.
09h IG1_LSB and 0Ah IG1_MSB
Green LED current setting for Bank 1. IG1_LSB holds the eight least significant bits and IG1_MSB the two most
significant bits.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com