Electronic Components Datasheet Search
  English  ▼

X  

REG711 Datasheet(PDF) 6 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments REG711 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
REG711
6
SBVS027A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE (No Load)
Temperature (
°C)
100
80
60
40
20
0
–10
–40 –30 –20
0
10
20
30 40
50 60
70 80 90
I
OUT = 0
LOAD TRANSIENT RESPONSE
10
µs/div
50mA/div
20mV/div
I
LOAD
V
OUT
SUPPPLY CURRENT vs TEMPERATURE (Not Enabled)
Temperature (
°C)
20
18
16
14
12
10
8
6
4
2
0
–10
–40 –30 –20
0
10
20
30 40
50 60
70 80 90
LINE TRANSIENT RESPONSE
50
µs/div
3.5V
4.5V
2V/div
50mV/div
V
IN
V
OUT
Boost Mode
Buck Mode
REG711-3.3
I
LOAD = 50mA
BW = 20MHz
OUTPUT VOLTAGE VS TEMPERATURE
Junction Temperature (
°C)
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
20
–40
–20
0
40
60
80
100
120
140
OUTPUT VOLTAGE DRIFT HISTOGRAM
V
OUT Drift (ppm/°C)
30
25
20
15
10
5
0
–140 –120 –100 –80 –60 –40 –20
0
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com