Electronic Components Datasheet Search
  English  ▼

X  

REG711 Datasheet(PDF) 8 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments REG711 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REG711
8
SBVS027A
CAPACITOR SELECTION
For minimum output voltage ripple, the output capacitor
COUT should be a ceramic, surface-mount type. Tantalum
capacitors generally have a higher Effective Series Resis-
tance (ESR) and may contribute to higher output voltage
ripple. Leaded capacitors also increase ripple due to the
higher inductance of the package itself. To achieve best
operation with low input voltage and high load current, the
input and pump capacitors (CIN, CPUMP respectively) should
also be surface-mount ceramic types. In all cases, X7R or
X5R dielectric are recommended. See the Typical Operating
Circuit shown in Figure 3 for component values.
The approximate efficiency is given by:
Efficiency (%) = VOUT/(2 • VIN) •100 (step-up operating mode)
or
VOUT • 100/VIN (step-down operating mode)
Table II lists the approximate values of the input voltage at
which the device changes internal operating mode.
OPERATING MODE
PRODUCT
CHANGES AT VIN OF
REG711-2.5
> 3.2V
REG711-2.7
> 3.4V
REG711-3.0
> 3.7V
REG711-3.3
> 4.0V
REG711-5.0
Step-up only
TABLE II.
See efficiency curves in the Typical Performance Curves
section for various loads and input voltages.
LAYOUT
Large ripple currents flow in the VIN, PGND and VOUT
traces. To minimize both input and output ripple, keep the
capacitors as close as possible to the regulator using short,
direct circuit traces.
A suggested PCB routing is shown in Figure 4. The trace
lengths from the input and output capacitors have been kept
as short as possible. A star ground system has been imple-
mented, with pin 5 as the center of the star. No ground plane
is provided in other layers, as this will provide capacitive
coupling for noise spikes.
FIGURE 4. Suggested PCB Design for Minimum Ripple.
With light loads or higher input voltage, a smaller 0.1
µF
pump capacitor (CPUMP) and smaller 1µF input and output
capacitors (CIN and COUT, respectively) can be used. To
minimize output voltage ripple, increase the output capaci-
tor, COUT, to 10µF or larger.
The capacitors listed in Table I have been used with the
REG711. This is only a representative list of those parts that
are compatible, and not the results of a complete survey of
an industry-wide offering.
EFFICIENCY
The efficiency of the charge pump regulator varies with the
output voltage version, the applied input voltage, the load
current, and the internal operation mode of the device.
FIGURE 3. Typical Operating Circuit.
C
PUMP
0.22
µF
V
IN
V
OUT
C
IN
2.2
µF
PGND
ENABLE
GND
2
76
8
54
3
C
OUT
2.2
µF
REG711
NOTE: All Capacitors 1206 Size
RATED
DIELECTRIC
PACKAGE
WORKING
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
MATERIAL
SIZE
VOLTAGE
Kemet
C1206C255K8RAC
2.2
µF
±10%
X7R
1206
10V
C1206C224K8RAC
0.22
µF
±10%
X7R
1206
10V
Panasonic
ECJ3YB1A225K
2.2
µF
±10%
X7R
1206
10V
ECJ3VB1C224K
0.22
µF
±10%
X7R
1206
16V
Taiyo Yuden
LMK325BJ106KN
10
µF
±10%
X5R
1210
10V
EMK316BJ225KL
2.2
µF
±10%
X7R
1206
16V
TKM316BJ224KF
0.22
µF
±10%
X7R
1206
25V
TABLE I. Capacitors That Have Been Successfully Used With The REG711.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com