Electronic Components Datasheet Search
  English  ▼

X  

REG711 Datasheet(PDF) 3 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711 Datasheet(HTML) 3 Page - Texas Instruments

  REG711 Datasheet HTML 1Page - Texas Instruments REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REG711
3
SBVS027A
PIN CONFIGURATION
Top View
MSOP
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage ................................................................... –0.3V to +5.5V
Enable Input ........................................................................... –0.3V to VIN
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range ....................................... –55
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature ..................................................... –55
°C to +150°C
Lead Temperature (soldering, 3s) ................................................. +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SIMPLIFIED BLOCK DIAGRAM
Control
Thermal
Simplified Block Diagram
&
PGND
GND
C
PUMP
0.22
µF
C
IN
2.2
µF
V
IN
Enable
REG711
C
OUT
2.2
µF
V
OUT
3
76
8
2
54
PACKAGE
SPECIFIED
OUTPUT
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VOLTAGE
PACKAGE
NUMBER
RANGE
MARKING(1)
NUMBER(2)
MEDIA
5V Output
REG711EA-5
5.0V
MSOP-8
337
–40
°C to +85°C
C11B
REG711EA-5
Rails
""
"
"
"
"
REG711EA-5/250
Tape and Reel
""
"
"
"
"
REG711EA-5/2K5
Tape and Reel
3.3V Output
REG711EA-3.3
3.3V
MSOP-8
337
–40
°C to +85°C
C11C
REG711EA-3.3
Rails
""
"
"
"
"
REG711EA-3.3/250
Tape and Reel
""
"
"
"
"
REG711EA-3.3/2K5
Tape and Reel
3V Output
REG711EA-3.0
3.0V
MSOP-8
337
–40
°C to +85°C
C11D
REG711EA-3
Rails
""
"
"
"
"
REG711EA-3/250
Tape and Reel
""
"
"
"
"
REG711EA-3/2K5
Tape and Reel
2.7V Output
REG711EA-2.7
2.7V
MSOP-8
337
–40
°C to +85°C
C11F
REG711EA-2.7
Rails
""
"
"
"
"
REG711EA-2.7/250
Tape and Reel
""
"
"
"
"
REG711EA-2.7/2K5
Tape and Reel
2.5V Output
REG711EA-2.5
2.5V
MSOP-8
337
–40
°C to +85°C
C11G
REG711EA-2.5
Rails
""
"
"
"
"
REG711EA-2.5/250
Tape and Reel
NOTE: (1) Voltage will be marked on reel. (2) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices
per reel). Ordering 2500 pieces of “REG711EA-5/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
NC
Enable
V
IN
GND
V
OUT
C
PUMP+
C
PUMP–
PGND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com