Electronic Components Datasheet Search
  English  ▼

X  

REG711 Datasheet(PDF) 4 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG711 Datasheet(HTML) 4 Page - Texas Instruments

  REG711 Datasheet HTML 1Page - Texas Instruments REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REG711
4
SBVS027A
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, unless otherwise noted.
EFFICIENCY vs V
IN
V
IN (V)
100
80
60
40
20
3
1.5
2
2.5
3.5
4
4.5
5
5.5
I
OUT = 15mA
REG711-5.0
REG711-2.5
REG711-2.7
REG711-3.0
REG711-3.3
EFFICIENCY vs LOAD CURRENT
REG711 - 5.0V
Load Current (mA)
90
80
70
60
50
40
30
1
0.1
10
100
V
IN = 2.7V
V
IN = 3.0V
V
IN = VOUT
EFFICIENCY vs LOAD CURRENT
REG711 - 3.3V
Load Current (mA)
90
80
70
60
50
40
30
1
0.1
10
100
V
IN = 1.8V
V
IN = 2.2V
V
IN = VOUT
EFFICIENCY vs LOAD CURRENT
REG711 - 3.0V
Load Current (mA)
90
80
70
60
50
40
30
1
0.1
10
100
V
IN = 1.8V
V
IN = 2.2V
V
IN = VOUT
EFFICIENCY vs LOAD CURRENT
REG711 - 2.7V
Load Current (mA)
90
80
70
60
50
40
30
1
0.1
10
100
V
IN = 1.8V
V
IN = 2.0V
V
IN = VOUT
EFFICIENCY vs LOAD CURRENT
REG711 - 2.5V
Load Current (mA)
90
80
70
60
50
40
30
1
0.1
10
100
V
IN = 1.8V
V
IN = 2.0V
V
IN = VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com