Electronic Components Datasheet Search
  English  ▼

X  

LM3753 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3753
Description  LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3753 Datasheet(HTML) 2 Page - Texas Instruments

  LM3753 Datasheet HTML 1Page - Texas Instruments LM3753 Datasheet HTML 2Page - Texas Instruments LM3753 Datasheet HTML 3Page - Texas Instruments LM3753 Datasheet HTML 4Page - Texas Instruments LM3753 Datasheet HTML 5Page - Texas Instruments LM3753 Datasheet HTML 6Page - Texas Instruments LM3753 Datasheet HTML 7Page - Texas Instruments LM3753 Datasheet HTML 8Page - Texas Instruments LM3753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
31
30
29
28
27
26
25
32
DAP (should be tied to
SGND and PGND on board)
BOOT2
PH
CS1
CSM
ILIM
CS2
EN
IAVE
BOOT1
PGOOD
SYNCOUT
SYNC
NBASE
VIN
VCC
LM3753
WQFN-32
5 x 5 x 0.8 mm body size
0.5 mm pitch
FAULT
BOOT1
BOOT2
CS1
CSM
ILIM
CS2
HG1
SW1
LG1
LG2
SW2
HG2
LM3753
COUT
RILIM1
L1
RDCR1 CDCR1
CBOOT1
DBOOT1
VIN
QT1
VDD
DBOOT2
QB1
VIN
QT2
L2
RDCR2 CDCR2
QB2
CBOOT2
BOOT1
BOOT2
CS1
CSM
ILIM
CS2
HG1
SW1
LG1
LG2
SW2
HG2
LM3753
RILIM2
L3
RDCR3
CDCR3
CBOOT3
DBOOT3
VIN
QT3
VOUT
VDD
DBOOT4
QB3
VIN
QT4
L4
RDCR4
CDCR4
QB4
CBOOT4
CIN
6V TO 18V DC
1.2V 100A
LM3753
SNVS614B – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
Simplified Application
Connection Diagram
Figure 1. Top View
32-Lead WQFN
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com