Electronic Components Datasheet Search
  English  ▼

X  

LM3753 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM3753
Description  LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3753 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3753 Datasheet HTML 30Page - Texas Instruments LM3753 Datasheet HTML 31Page - Texas Instruments LM3753 Datasheet HTML 32Page - Texas Instruments LM3753 Datasheet HTML 33Page - Texas Instruments LM3753 Datasheet HTML 34Page - Texas Instruments LM3753 Datasheet HTML 35Page - Texas Instruments LM3753 Datasheet HTML 36Page - Texas Instruments LM3753 Datasheet HTML 37Page - Texas Instruments LM3753 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
öC = 2 x S x fC
öSW = 2 x S x fSW
öZ =
CO x RC
1
öP =
L x CO
1
Ri = A x RS
T =
1
fSW
D =
VO
VIN
Km =
(0.5 ± D) x Ri x
T
L
+ KFF
1
RFBT = RFBB x
VOUT
VREF
- 1
LM3753
SNVS614B – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
Control Loop Design Procedure
Once the power stage design is complete, the power stage components are used to determine the proper
frequency compensation. Knowing the dc modulator gain and assuming an ideal single-pole system response,
the mid-band error amplifier gain is set by the target crossover frequency. Based on the ideal amplifier transfer
function, the zero-pair is set to cancel the complex conjugate pole of the output filter. One pole is set to cancel
the ESR of the output capacitor. The second pole is set equal to the switching frequency. A correction factor is
used to accommodate the modulator damping when the output filter pole is within a decade of the target
crossover frequency.
The compensation components will scale from the feedback divider ratio and selection of the bottom feedback
divider resistor. A maximum value for the divider current is typically set at 1 mA. Using a divider current of 200
μA will allow for a reasonable range of values. For the bottom feedback resistor RFBB = VREF / 200 μA = 3 kΩ.
Choosing a standard 1% value of 3.01 k
Ω, the top feedback resistor is found from:
(64)
For VOUT = 1.2V and VREF = 0.6V, RFBT = 3.01 kΩ.
Based on the previously defined power stage values, calculate general terms:
(65)
For the design example D = 0.1, Ri = 0.026Ω, T = 3.33 μs and Km = 3.22.
Calculate the output filter pole frequency and the ESR zero frequency from:
(66)
For the output filter pole using CO = CO1 + CO2, ωP = 68.5 krad/sec. Since CO1 >> CO2, the ESR zero is
calculated using CO1 and RC1 as ωZ = 909 krad/sec.
Choose a target crossover frequency fC greater than the minimum control loop bandwidth from the OUTPUT
CAPACITORS section. The optimum value of the crossover frequency is usually between 5 and 10 times the
filter pole frequency. With fP = ωP / (2 x π) = 10.9 kHz, this places fC between 54.5 kHz and 109 kHz. The upper
limit for fC is typically set at 1/5 of the switching frequency.
(67)
Choosing fC = 60 kHz for the design example ωC = 377 krad/sec. The switching frequency is ωSW = 1.88
Mrad/sec.
For output capacitors with very low ESR, if the target crossover frequency is more than 10 times the filter pole
frequency, bandwidth limiting of the error amplifier may occur. See the Comprehensive Equations section to
incorporate the error amplifier bandwidth into the design procedure.
For reference, the parallel equivalent CO and RC at any frequency can be calculated from:
34
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com