Electronic Components Datasheet Search
  English  ▼

X  

LM3753 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3753
Description  LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3753 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3753 Datasheet HTML 9Page - Texas Instruments LM3753 Datasheet HTML 10Page - Texas Instruments LM3753 Datasheet HTML 11Page - Texas Instruments LM3753 Datasheet HTML 12Page - Texas Instruments LM3753 Datasheet HTML 13Page - Texas Instruments LM3753 Datasheet HTML 14Page - Texas Instruments LM3753 Datasheet HTML 15Page - Texas Instruments LM3753 Datasheet HTML 16Page - Texas Instruments LM3753 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
LG1
VDD
SW2
DEADTIME
CONTROL
OV Fault
OC Fault
Prebias
PWM
COMPARATOR
CURRENT LIMIT
COMPARATOR
A = 1
CURRENT SENSE
AMPLIFIER
HG2
BOOT2
DRIVER
CONTROL
PGND
LG2
CSM
CS2
ILIM
- +
VCC
VDD
VIN FEED-FORWARD
BANDGAP
REFERENCE
1.39V
INTERNAL
SS
SWITCH DOWN
DURING FAULT
RESTART
VREF = 0.6V
Closed for
Master Controller
MASTER
VCC - 1.2V
IAVE1 = 2 mA/V
OVP
780 mV
480 mV
UVP
A = 3.125
PWM 1
+
+
+
-
COMP
STARTUP AND
FAULT LOGIC
IFAULT
= 300 PA
4.14V
OVER
TEMP
4.02V
VDD
VCC
POWER_OK
EN
VIN
TRACK
FB
COMP
IAVE
REGULATORS,
SUPPLY UVLO
NBASE
PH
PGOOD
OSCILLATOR, PLL,
PWM RAMP
PWM 1
PWM 2
A To D
SYNCOUT
FREQ
SYNC
PWM 2
+
+
+
-
COMP
VDD
SW1
DEADTIME
CONTROL
OV Fault
OC Fault
Prebias
PWM
COMPARATOR
CURRENT LIMIT
COMPARATOR
A = 1
CURRENT SENSE
AMPLIFIER
HG1
BOOT1
DRIVER
CONTROL
PGND
CS1
ILIM
15 mV
VCS1 - VCSM + 15 mV
32
1
2
3
27
6
7
8
9
5
30
28
25
18
19
23
15
26
VCC
13
10
11
12
24
31
14
16
4
VCC
VCC
VCC
VCC
VCC
1.3V
2.8V
1.3V
2.8V
CSM
- +
15 mV
29
IILIM = 100 PA
VCC
IAVE2 = 2 mA/V
KFF = 0.232 V/V
VDD
R
R
+
-
R
R
DIFFERENTIAL
AMPLIFIER
SNSP
SNSM
VDIF
SGND
17
20
21
22
Closed for
Master
Controller
VCS2 - VCSM + 15 mV
A = 50
A = 50
FAULT
LM3753
www.ti.com
SNVS614B – DECEMBER 2009 – REVISED MARCH 2013
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
GENERAL
The LM3753 is a two-phase voltage-mode step-down (buck) switching regulator controller. From one to six
LM3753 controllers can be connected together to control from two to twelve phases (2, 3, 4, 5, 6, 8, 10, or 12
phases). Since external switching components can typically handle 25A per phase, a 12 phase system can
supply a total of 300A.
Multiple controllers in a system communicate with each other and work together. They will startup and shut down
together, each phase on each controller will share current equally, and all the phases will react in unison to fault
conditions. In a multi-controller system, all controllers are the same part. One controller functions as the Master
and all the others act as Slaves. The Master and Slave are differentiated by how they are connected in the
system. The Master controller senses the system output voltage and VIN (as well as TRACK) and sets the target
duty cycle for each phase on all of the controllers. The Master and Slave controllers monitor the current-sense
information from each phase. Based on this current information, the controllers adjust the duty cycle on each
phase up or down from the target level, in order to achieve optimal current sharing.
Each controller incorporates a phase locked loop (PLL) that communicates with the PLLs on the other
controllers. By this means, the switching edges of the different phases are spread out equally within one switch
period. For N phases operating at any switching frequency, the angle in degrees between one phase switching
and the next is 360° / N. A SYNC pin is available that can be used to lock the Master switching frequency and
phase to an external clock.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com