Electronic Components Datasheet Search
  English  ▼

X  

LM3753 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3753
Description  LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3753 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3753 Datasheet HTML 17Page - Texas Instruments LM3753 Datasheet HTML 18Page - Texas Instruments LM3753 Datasheet HTML 19Page - Texas Instruments LM3753 Datasheet HTML 20Page - Texas Instruments LM3753 Datasheet HTML 21Page - Texas Instruments LM3753 Datasheet HTML 22Page - Texas Instruments LM3753 Datasheet HTML 23Page - Texas Instruments LM3753 Datasheet HTML 24Page - Texas Instruments LM3753 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
+
-
R
R
R
R
VDIF
SNSP
SNSM
LM3753
www.ti.com
SNVS614B – DECEMBER 2009 – REVISED MARCH 2013
REMOTE SENSE DIFFERENTIAL AMPLIFIER
The differential amplifier connected internally to the SNSP, SNSM and VDIF pins is a single stage unity gain
Instrumentation amplifier. The differential gain is tightly controlled to within 0.4%.
Figure 18. Differential Amplifier
On the master controller, the differential amplifier is used to provide Kelvin sensing of the output voltage at the
load. This provides the most accurate sampling for load regulation.
On the slave controllers, the differential amplifier is used to sense the COMP signal of the master controller with
respect to its signal ground and drive the COMP pin of that slave controller relative to its local signal ground. This
allows the master controller to accurately provide the target duty cycle of the slave controllers.
The differential amplifier has a low output impedance to allow it to drive the COMP pins of the Slave controllers.
This is necessary because the current sense signal is internally added to COMP to provide the duty cycle
adjustment for phase-to-phase current sharing.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com