Electronic Components Datasheet Search
  English  ▼

X  

PC16550DN Datasheet(PDF) 2 Page - Texas Instruments

Part # PC16550DN
Description  Universal Asynchronous Receiver/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550DN Datasheet(HTML) 2 Page - Texas Instruments

  PC16550DN Datasheet HTML 1Page - Texas Instruments PC16550DN Datasheet HTML 2Page - Texas Instruments PC16550DN Datasheet HTML 3Page - Texas Instruments PC16550DN Datasheet HTML 4Page - Texas Instruments PC16550DN Datasheet HTML 5Page - Texas Instruments PC16550DN Datasheet HTML 6Page - Texas Instruments PC16550DN Datasheet HTML 7Page - Texas Instruments PC16550DN Datasheet HTML 8Page - Texas Instruments PC16550DN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PC16550D
SNLS378C – JUNE 1995 – REVISED MAY 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 16
1
Features .................................................................. 1
8.5
Programming .......................................................... 17
2
Applications ........................................................... 1
8.6
Register Maps ........................................................ 17
3
Description ............................................................. 1
9
Application and Implementation ........................ 25
4
Revision History..................................................... 2
9.1
Application Information............................................ 25
5
Description (continued)......................................... 3
9.2
Typical Applications ................................................ 25
6
Pin Configuration and Functions ......................... 3
9.3
System Examples ................................................... 27
7
Specifications......................................................... 8
10
Power Supply Recommendations ..................... 27
7.1
Absolute Maximum Ratings ...................................... 8
11
Layout................................................................... 27
7.2
ESD Ratings.............................................................. 8
11.1
Layout Guidelines ................................................. 27
7.3
Recommended Operating Conditions ....................... 8
12
Device and Documentation Support ................. 28
7.4
Electrical Characteristics........................................... 8
12.1
Community Resources.......................................... 28
7.5
Timing Requirements ................................................ 9
12.2
Trademarks ........................................................... 28
8
Detailed Description ............................................ 15
12.3
Electrostatic Discharge Caution ............................ 28
8.1
Overview ................................................................. 15
12.4
Glossary ................................................................ 28
8.2
Functional Block Diagram ....................................... 15
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 16
Information ........................................................... 28
4 Revision History
Changes from Revision B (June 1995) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted the TQFP Package drawing ...................................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: PC16550D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com