Electronic Components Datasheet Search
  English  ▼

X  

PC16550DN Datasheet(PDF) 8 Page - Texas Instruments

Part # PC16550DN
Description  Universal Asynchronous Receiver/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550DN Datasheet(HTML) 8 Page - Texas Instruments

Back Button PC16550DN Datasheet HTML 4Page - Texas Instruments PC16550DN Datasheet HTML 5Page - Texas Instruments PC16550DN Datasheet HTML 6Page - Texas Instruments PC16550DN Datasheet HTML 7Page - Texas Instruments PC16550DN Datasheet HTML 8Page - Texas Instruments PC16550DN Datasheet HTML 9Page - Texas Instruments PC16550DN Datasheet HTML 10Page - Texas Instruments PC16550DN Datasheet HTML 11Page - Texas Instruments PC16550DN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PC16550D
SNLS378C – JUNE 1995 – REVISED MAY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
All input or output voltages with respect to VSS
–0.5
7
V
Power Dissipation
1
W
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient Temperature
0
25
70
°C
VDD
Supply Voltage
4.5
5
5.5
V
7.4 Electrical Characteristics
TA = 0°C to 70°C, VDD = 5 V ± 10%, VSS = 0 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VILX
Clock input low voltage
–0.5
0.8
V
VIHX
Clock input high voltage
2.0
VDD
V
VIL
Input low voltage
–0.5
0.8
V
VIH
Input high voltage
2
VDD
V
VOL
Output low voltage
IOL = 1.6 mA on all
(1)
0.4
V
VOH
Output high voltage
IOH = –1.0 mA
(1)
2.4
V
VDD = 5.5 V, TA = 25°C, No Loads on output,
ICC(AV)
Average power supply current
SIN, DSR, DCD, CTS, RI = 2.0 V,
15
mA
All other inputs = 0.8 V
IIL
Input leakage
±10
mA
VDD = 5.5 V, VSS = 0 V, All other pins floating,
VIN = 0 V, 5.5 V
ICL
Clock leakage
±10
mA
VDD = 5.5 V, VSS = 0 V, VOUT = 0 V, 5.25 V
IOZ
TRI-STATE leakage
1) Chip deselected
±20
mA
2) WRITE mode, chip selected
VILMR
MR Schmitt VIL
0.8
V
VIHMR
MR Schmitt VIH
2
V
CAPACITANCE: TA = 25°C, VDD = VSS = 0 V
CXIN
Clock input capacitance
7
9
pF
CXOUT
Clock output capacitance
7
9
pF
CIN
Input capacitance
fc = 1 MHz, Unmeasured pins returned to VSS
5
7
pF
COUT
Output capacitance
6
8
pF
CI/O
Input/Output capacitance
10
12
pF
(1)
Does not apply to XOUT.
8
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: PC16550D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com