Electronic Components Datasheet Search
  English  ▼

X  

PC16550DN Datasheet(PDF) 9 Page - Texas Instruments

Part # PC16550DN
Description  Universal Asynchronous Receiver/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550DN Datasheet(HTML) 9 Page - Texas Instruments

Back Button PC16550DN Datasheet HTML 5Page - Texas Instruments PC16550DN Datasheet HTML 6Page - Texas Instruments PC16550DN Datasheet HTML 7Page - Texas Instruments PC16550DN Datasheet HTML 8Page - Texas Instruments PC16550DN Datasheet HTML 9Page - Texas Instruments PC16550DN Datasheet HTML 10Page - Texas Instruments PC16550DN Datasheet HTML 11Page - Texas Instruments PC16550DN Datasheet HTML 12Page - Texas Instruments PC16550DN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
PC16550D
www.ti.com
SNLS378C – JUNE 1995 – REVISED MAY 2015
7.5 Timing Requirements
TA = 0°C to 70C, VDD = 5 V ± 10%
MIN
MAX
UNIT
tADS
Address strobe width
60
ns
tAH
Address hold time
0
ns
tAR
RD, RD delay from address
See (1)
30
ns
tAS
Address setup time
60
ns
tAW
WR, WR delay from address
See (1)
30
ns
tCH
Chip select hold time
0
ns
tCS
Chip select setup time
60
ns
tCSR
RD, RD delay from chip select
See (1)
30
ns
tCSW
WR, WR delay from select
See (1)
30
ns
tDH
Data hold time
30
ns
tDS
Data setup time
30
ns
tHZ
RD, RD to floating data delay
At 100 pF loading (2)
0
100
ns
tMR
Master reset pulse width
5000
ns
tRA
Address hold time from RD, RD
See (1)
20
ns
tRC
Read cycle delay
125
ns
tRCS
Chip select hold time from RD, RD
See (1)
20
ns
tRD
RD, RD strobe width
125
ns
tRDD
RD, RD to driver enable/disable
At 100 pF loading (2)
60
ns
tRVD
Delay from RD, RD to data
At 100 pF loading
60
ns
tWA
Address hold time from WR, WR
See (1)
20
ns
tWC
Write cycle delay
150
ns
tWCS
Chip select hold time from WR, WR
See (1)
20
ns
tWR
WR, WR strobe width
100
ns
tXH
Duration of clock high pulse
External Clock (8, Max.)
55
ns
tXL
Duration of clock low pulse
External Clock (8, Max.)
55
ns
RC
Read cycle = tAR + tRD + tRC
280
ns
WC
Write cycle = tAW + tWR + tWC
280
ns
BAUD GENERATOR
N
Baud divisor
1
216–1
tBHD
Baud output positive edge delay
100-pF Load
175
ns
tBLD
Baud output negative edge delay
100-pF Load
175
ns
tHW
Baud output up time
fX = 8, ÷2, 100-pF Load
75
ns
tLW
Baud output down time
fX = 8, ÷2, 100-pF Load
100
ns
RECEIVER
Delay from active edge of RD to Reset
tRAI
Interrupt
–
ns
Delay from RD, RD (RD RBR/or RD LSR) to
tRINT
100-pF Load
1000
ns
Reset Interrupt
tRXI
Delay from RD RBR to RXRDY Inactive
290
ns
tSCD
Delay from RCLK to sample time
2000
ns
RCLK
tSINT
Delay from Stop to Set Interrupt
See (3)
1
Cycles
(1)
Applicable only when ADS is tied low.
(2)
Charge and discharge time is determined by VOL, VOH and the external loading.
(3)
In the FIFO mode (FCR0=1) the trigger level interrupts, the receiver data available indication, the active RXRDY indication and the
overrun error indication will be delayed 3 RCLKs. Status indicators (PE, FE, BI) will be delayed 3 RCLKs after the first byte has been
received. For subsequently received bytes these indicators will be updated immediately after RDRBR goes inactive. Timeout interrupt is
delayed 8 RCLKs.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PC16550D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com