Electronic Components Datasheet Search
  English  ▼

X  

PCM1601 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1601
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1601 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1601 Datasheet HTML 1Page - Texas Instruments PCM1601 Datasheet HTML 2Page - Texas Instruments PCM1601 Datasheet HTML 3Page - Texas Instruments PCM1601 Datasheet HTML 4Page - Texas Instruments PCM1601 Datasheet HTML 5Page - Texas Instruments PCM1601 Datasheet HTML 6Page - Texas Instruments PCM1601 Datasheet HTML 7Page - Texas Instruments PCM1601 Datasheet HTML 8Page - Texas Instruments PCM1601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
®
2
PCM1600, PCM1601
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +5V, +VDD = +3.3V, system clock = 384fS (fS = 44.1kHz) and 24-bit data, unless otherwise noted.
PCM1600Y, PCM1601Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Formats
User Selectable
Standard, I2S, Left-Justified
Data Bit Length
User Selectable
16, 18, 20, 24-Bit
Audio Data Format
MSB-First, Binary Two’s Complement
Sampling Frequency (fS)
10
100
kHz
System Clock Frequency
256, 384, 512, 768fS
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible
Input Logic Level
VIH
2.0
V
VIL
0.8
V
Input Logic Current
IIH(1)
VIN = VDD
0.1
µA
IIL(1)
VIN = 0V
–0.1
µA
IIH(2)
VIN = VDD
65
100
µA
IIL(2)
VIN = 0V
–0.1
µA
Output Logic Level
VOH(3)
IOH = –2mA
2.4
V
VOL(3)
IOL = +2mA
1.0
V
VOH(4)
IOH = –4mA
2.4
V
VOL(4)
IOL = +4mA
1.0
V
DYNAMIC PERFORMANCE(5)
THD+N, VOUT = 0dB
fS = 44.1kHz
0.0018
0.0045
%
fS = 96kHz
0.0035
%
VOUT = –60dB
fS = 44.1kHz
0.65
%
fS = 96kHz
0.75
%
Dynamic Range
EIAJ, A-Weighted, fS =44.1kHz
100
105
dB
A-Weighted, fS = 96kHz
104
dB
Signal-to-Noise Ratio(6)
EIAJ, A-Weighted, fS =44.1kHz
98
104
dB
A-Weighted, fS = 96kHz
103
dB
Channel Separation
fS = 44.1kHz
96
102
dB
fS = 96kHz
101
dB
Level Linearity Error
VOUT = –90dB
±0.5
dB
DC ACCURACY
Gain Error
±1.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
% of FSR
Bipolar Zero Error
VO = 0.5VCC at Bipolar Zero
±30
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
62% of VCC
Vp-p
Center Voltage
50% VCC
V
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1, Sharp Roll-Off
Passband
±0.002dB
0.454fS
Hz
–3dB
0.490fS
Hz
Stopband
0.546fS
Hz
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.546fS
–75
dB
Stopband = 0.567fS
–82
dB
Filter Characteristics 2, Slow Roll-Off
Passband
±0.002dB
0.274fS
Hz
–3dB
0.454fS
Hz
Stopband
0.732fS
Hz
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.732fS
–82
dB
Delay Time
34/fS
sec
De-Emphasis Error
±0.1
dB
ANALOG FILTER PERFORMANCE
Frequency Response
f = 20kHz
–0.03
dB
f = 44kHz
–0.20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com