Electronic Components Datasheet Search
  English  ▼

X  

PCM1601 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1601
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1601 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1601 Datasheet HTML 1Page - Texas Instruments PCM1601 Datasheet HTML 2Page - Texas Instruments PCM1601 Datasheet HTML 3Page - Texas Instruments PCM1601 Datasheet HTML 4Page - Texas Instruments PCM1601 Datasheet HTML 5Page - Texas Instruments PCM1601 Datasheet HTML 6Page - Texas Instruments PCM1601 Datasheet HTML 7Page - Texas Instruments PCM1601 Datasheet HTML 8Page - Texas Instruments PCM1601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
®
3
PCM1600, PCM1601
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
POWER SUPPLY REQUIREMENTS
Voltage Range, VDD
+3.0
+3.3
+3.6
V
VCC
+4.5
+5.0
+5.5
V
Supply Current, IDD(7)
fS = 44.1kHz
20
28
mA
fS = 96kHz
42
mA
ICC
fS = 44.1kHz
40
56
mA
fS = 96kHz
42
mA
Power Dissipation
fS = 44.1kHz
266
409
mW
fS = 96kHz
349
mW
TEMPERATURE RANGE
Operation
0
+70
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Pins 38, 40, 41, 45-47 (SCLKI, BCK, LRCK, DATA1, DATA2, DATA3). (2) Pins 34-37 (MDI, MC, ML, RST). (3) Pins 1-6, 48 (ZERO1-6, ZEROA).
(4) Pin 39 (SCLKO). (5) Analog performance specifications are tested with Shibasoku #725 THD Meter 400Hz HPF, 30kHz LPF on, average mode with 20kHz
bandwidth limiting. The load connected to the analog output is 5k
Ω or larger, AC-coupled. (6) SNR is tested with Infinite Zero Detection off. (7) CLKO is disabled.
SPECIFICATIONS (Cont.)
All specifications at +25
°C, +V
CC = +5V, +VDD = +3.3V, system clock = 384fS (fS = 44.1kHz) and 24-bit data, unless otherwise noted.
PCM1600Y, PCM1601Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage, VDD .............................................................. +4.0V
VCC .............................................................. +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Digital Input Voltage ........................................................... –0.2V to +5.5V
Digital Output Voltage(1) ........................................... –0.2V to (VDD + 0.2V)
Input Current (except power supply) ...............................................
±10mA
Power Dissipation .......................................................................... 650mW
Operating Temperature Range ............................................. 0
°C to +70°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................ +260
°C
Package Temperature (IR reflow, 10s) .......................................... +235
°C
NOTE: (1) Pin 33 (MDO) when output is disabled.
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1600Y
48-Lead LQFP
340
0
°C to +70°C
PCM1600Y
PCM1600Y
250-Piece Tray
""
"
"
"
PCM1600Y/2K
Tape and Reel
PCM1601Y
48-Lead MQFP
359
0
°C to +70°C
PCM1601Y
PCM1601Y
84-Piece Tray
""
"
"
"
PCM1601Y/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1600Y/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com