Electronic Components Datasheet Search
  English  ▼

X  

PCM1601 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1601
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1601 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1601 Datasheet HTML 8Page - Texas Instruments PCM1601 Datasheet HTML 9Page - Texas Instruments PCM1601 Datasheet HTML 10Page - Texas Instruments PCM1601 Datasheet HTML 11Page - Texas Instruments PCM1601 Datasheet HTML 12Page - Texas Instruments PCM1601 Datasheet HTML 13Page - Texas Instruments PCM1601 Datasheet HTML 14Page - Texas Instruments PCM1601 Datasheet HTML 15Page - Texas Instruments PCM1601 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
®
12
PCM1600, PCM1601
REGISTER WRITE OPERATION
All Write operations for the serial control port use 16-bit
data words. Figure 6 shows the control data word format.
The most significant bit is the Read/Write (R/W) bit. When
set to ‘0’, this bit indicates a Write operation. There are
seven bits, labeled IDX[6:0], that set the register index (or
address) for the Write operation. The least significant eight
bits, D[7:0], contain the data to be written to the register
specified by IDX[6:0].
Figure 7 shows the functional timing diagram for writing the
serial control port. ML is held at a logic ‘1’ state until a
register needs to be written. To start the register write cycle,
ML is set to logic ‘0’. Sixteen clocks are then provided on
MC, corresponding to the 16-bits of the control data word on
MDI. After the sixteenth clock cycle has completed, ML is
set to logic ‘1’ to latch the data into the indexed mode
control register.
IDX5
IDX6
R/W
IDX4
IDX2
IDX3
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D5
D4
D3
D2
D1
D0
MSB
Register Index (or Address)
Read/Write Operation
0 = Write Operation
1 = Read Operation (register index is ignored)
Register Data
LSB
FIGURE 6. Control Data Word Format for MDI.
FIGURE 7. Write Operation Timing.
SINGLE REGISTER READ OPERATION
Read operations utilize the 16-bit control word format shown
in Figure 6. For Read operations, the Read/Write (R/W) bit
is set to ‘1’. Read operations ignore the index bits, IDX[6:0],
of the control data word. Instead, the REG[6:0] bits in
Control Register 11 are used to set the index of the register
that is to be read during the Read operation. Bits IDX[6:0]
should be set to 00H for Read operations.
Figure 8 details the Read operation. First, Control Register
11 must be written with the index of the register to be read
back. Additionally, the INC bit must be set to logic ‘0’ in
order to disable the Auto-Increment Read function. The
Read cycle is then initiated by setting ML to logic ‘0’ and
setting the R/W bit of the control data word to logic ‘1’,
indicating a Read operation. MDO remains at a high-imped-
ance state until the last 8 bits of the 16-bit read cycle, which
0
D7
D6
D5
D4
D3
D2
D15 D14
D1
D0
X
XX
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
ML
MC
MDI
FIGURE 5. Audio Interface Timing.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tBCY
BCK Pulse Cycle Time
48 or 64fS(1)
tBCH
BCK High Level Time
50
ns
tBCL
BCK Low Level Time
50
ns
tBL
BCK Rising Edge to LRCK Edge
30
ns
tLB
LRCK Falling Edge to BCK Rising Edge
30
ns
tDS
DIN Set Up Time
30
ns
tDH
DIN Hold Time
20
ns
NOTE: (1) fS is the sampling frequency (e.g., 44.1kHz, 48kHz, 96kHz, etc.)
LRCK
BCK
DATA1-DATA3
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com