Electronic Components Datasheet Search
  English  ▼

X  

SAA6752HS/V103 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SAA6752HS/V103 Datasheet HTML 24Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 25Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 26Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 27Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 28Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 29Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 30Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 31Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
2004 Jan 26
28
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
7.7.10
METABYTES DATA
In program stream and pack stream modes, the SAA6752HS can append additional metabyte data packets to the
stream, providing information on sector information for downstream application processing. The video and audio
metabytes format is defined in Tables 6 and 7. The sector and metabytes form a block format, where each sector of
2048 bytes is followed by 16 metabytes containing data on the previous sector.
Table 6
Video metabytes data
Note
1. This is the same value as used to generate the PTS and DTS values.
BYTE
(HEX)
NAME
LSB/
MSB
BIT
DESCRIPTION
00
identification
0 to 7
55H; video
01
flags
0
‘GOP start flag’; indicates that a GOP start code is present in the
sector
1
‘GOP start header’; indicates that a group of GOPs starts in the
sector
2
‘sequence end flag’; indicates that a sequence end code is
present in the sector
3 and 4 reserved
5 to 7
undefined
02
data length
LSB
0 to 7
amount of non-stuffing bytes minus one
03
MSB
0 to 7
04
time stamp
LSB
0 to 7
The value of the STC at the moment that the first byte of the first
frame arrived at the input. Only 32 bits are used; note 1.
05
0 to 7
06
0 to 7
07
MSB
0 to 7
08
picture start count
0 to 7
the amount of picture starts in the sector
09
picture types
0 and 1 1st picture type:
00: I picture
01: P picture
10: B picture
11: invalid type
2
reserved
4 and 5 2nd picture type:
00: I picture
01: P picture
10: B picture
11: invalid type
6
reserved
0A
first picture position
LSB
0 to 7
position (in bytes) of the first picture (or GOP or sequence) start
code in the sector
0B
MSB
0 to 7
0C
second picture position
LSB
0 to 7
position (in bytes) of the second picture (or GOP or sequence)
start code in the sector
0D
MSB
0 to 7
0E
GOP header position
LSB
0 to 7
position (in bytes) of the GOP start code in the sector, if present,
else 0000
0F
MSB
0 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com