Electronic Components Datasheet Search
  English  ▼

X  

SAA6752HS/V103 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA6752HS/V103
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V103 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA6752HS/V103 Datasheet HTML 1Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 2Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 3Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 4Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 5Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 6Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 7Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 8Page - NXP Semiconductors SAA6752HS/V103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
2004 Jan 26
3
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
1
FEATURES
1.1
Video input and preprocessing
• Digital YUV input according to “ITU-R BT.656” (8 bits at
27 MHz) and
“ITU-R BT.601”
• Support of enhanced “ITU-R BT.656” input format
containing decoded VBI data readable via I2C-bus;
Closed Caption (CC), Wide Screen Signalling (WSS)
and copyright information with Copy Generation
Management System (CGMS)
• Processing of non-broadcast video signals from analog
VCR according to IEC 756
• Two video clock input pins for switching two digital video
sources
• “ITU-R BT.601” format conversion to 1/2D1, 2/3D1 and
Standard Interchange Format (SIF)
• 4:2:2to4:2:0 colour format conversion
• Decimation filtering for all format conversions
• Adaptive median filter and motion compensated filter for
input noise reduction.
1.2
Video compression
• Real-time MPEG-2 encoding compliant to Main Profile
at Main Level (MP@ML) for 625 and 525 interlaced line
systems
• Supported resolutions: D1, 2/3D1, 1/2D1 and SIF
• IPB frame, IP frame and I frame only encoding
supported at all modes
• Supported bit rates: up to 25 Mbit/s I-only encoding;
up to 15 Mbit/s IP-only or IBP encoding.
• Variable video bit rate mode for constant picture quality
and constant bit rate mode to gain optimum picture
quality from a fixed channel transfer rate
• Access to bit rate control parameters whilst encoding to
support external real-time control algorithms (e.g.
constrained variable bit rate control)
• Programmable Group Of Pictures (GOP) structure
• Innovative motion estimation with wide search range
• Adaptive quantization
• Motion compensated noise filter.
1.3
Audio input
• Audio inputs: I2S format or EIAJ format (16, 18 or
20 bits), master or slave mode at 32, 44.1 and 48 kHz
• Two digital I2S input ports for selection between two
digital audio sources
• Audio clock generation: 256fs or 384fs (where
fs = 48 kHz) locked to video frame rate (if video is
present and locking is enabled)
• Sample rate conversion to 48 kHz (locked to video
frame rate if enabled) for slave mode operation in all
modes except Digital Versatile Disc (DVD) compliant
bypass.
1.4
Audio compression
• Dolby®(1) Digital Consumer Encoding (DDCE) also
known as AC-3(2) 2 channel audio encoding at
256 kbit/s or 384 kbit/s (only for SAA6752HS/V103)
• MPEG-1 layer 2 audio encoding at 256 kbit/s or
384 kbit/s
• Input data bypass for Linear Pulse Code Modulation
(LPCM) and compressed audio data [MPEG-1,
MPEG-2, Dolby® Digital (DD) and Digital Theatre
System (DTS)] according to IEC 61937
• Preamble Pc, Preamble Pd and bit stream information
captured for identification of modes during bypass of
compressed audio data for MPEG-1, MPEG-2, DD and
DTS according to IEC 61937
• Audio mute via I2C-bus control for all modes except
DVD-compliant bypass.
(1) Dolby is a registered trademark of Dolby Laboratories
Licensing Corporation.
(2) AC-3 is a registered trademark of Dolby Laboratories
Licensing Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com