Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC125ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
D, DB, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4OE
4A
4Y
3OE
3A
1A
1Y
2OE
2A
2Y
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
D, DB, NS, PW
NAME
and RGY
1A
2
I
Input
1OE
1
I
Output enable
1Y
3
O
Output
2A
5
I
Input
2OE
4
I
Output enable
2Y
6
O
Output
3A
9
I
Input
3OE
10
I
Output enable
3Y
8
O
Output
4A
12
I
Input
4OE
13
I
Output enable
4Y
11
O
Output
GND
7
—
Ground
VCC
14
—
Power pin
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com