Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125ADE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC125ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2A
2Y
2OE
1A
1Y
1OE
4A
4Y
4OE
3A
3Y
3OE
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
9 Detailed Description
9.1 Overview
The SN74LVC125A device is a quadruple bus buffer gate featuring independent line drivers with 3-state outputs.
Each output is disabled when the associated output-enable (OE) input is high. When OE is low, the respective
gate passes the data from the A input to its Y output. To ensure the high-impedance state during power up or
power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined
by the current-sourcing capability of the driver.
9.2 Functional Block Diagram
9.3 Feature Description
•
Wide operating voltage range
–
Operates from 1.65 V to 5.5 V
•
Allows down voltage translation
•
Inputs accept voltages to 5.5 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com