Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125ADE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image

C or System
Logic
1A
4A
1Y
4Y
VCC
GND

C/System
Logic/LEDs
3 V
5 V
1OE
4OE
SN74LVC125A
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
SN74LVC125A is a high drive CMOS device that can be used for a multitude of bus interface type applications
where output drive or PCB trace length is a concern. The inputs can accept voltages to 5.5 V at any valid VCC
making it ideal for down translation.
10.2 Typical Application
Figure 4. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
For rise time and fall time specifcations, see (
Δt/ΔV) in the Recommended Operating Conditions table.
–
For specified high and low levels, see (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions:
–
Load currents should not exceed (IO max) per output and should not exceed (Continuous current through
VCC or GND) total current for the part. These limits are located in the Absolute Maximum Ratings table.
10
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com