Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC125ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2A
2Y
2OE
1A
1Y
1OE
4A
4Y
4OE
3A
3Y
3OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC125A
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
1 Features
3 Description
This quadruple bus buffer gate is designed for 1.65-V
1
•
3-State Outputs
to 3.6-V VCC operation.
•
Separate OE for all 4 buffers
The SN74LVC125A device features independent line
•
Operates From 1.65 V to 3.6 V
drivers with 3-state outputs. Each output is disabled
•
Specified From –40°C to 85°C
when the associated output-enable (OE) input is high.
and –40°C to 125°C
To ensure the high-impedance state during power up
•
Inputs Accept Voltages to 5.5 V
or power down, OE should be tied to VCC through a
•
Max tpd of 4.8 ns at 3.3 V
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
•
Typical VOLP (Output Ground Bounce)
driver.
< 0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
Inputs can be driven from either 3.3-V or 5-V devices.
> 2 V at VCC = 3.3 V, TA = 25°C
This feature allows the use of this device as a
translator in a mixed 3.3-V/5-V system environment.
•
Latch-Up Performance Exceeds 250 mA
Per JESD 17
Device Information(1)
•
ESD Protection Exceeds JESD 22
PART NUMBER
PACKAGE (PIN)
BODY SIZE
–
2000-V Human-Body Model
SOIC (14)
8.65 mm × 3.91 mm
–
200-V Machine Model
SSOP (14)
6.20 mm × 5.30 mm
SN74LVC125A
SOP (14)
10.30 mm × 5.30 mm
–
1000-V Charged-Device Model
TSSOP (14)
5.00 mm × 4.40 mm
VQFN (14)
3.50 mm × 3.50 mm
2 Applications
(1) For all available packages, see the orderable addendum at
•
Cable Modem Termination Systems
the end of the data sheet.
•
IP Phones: Wired and Wireless
•
Optical Modules
4 Simplified Schematic
•
Optical Networking:
–
EPON or Video Over Fiber
•
Point-to-Point Microwave Backhaul
•
Power: Telecom DC/DC Modules:
–
Analog or Digital
•
Private Branch Exchanges (PBX)
•
TETRA Base Stations
•
Telecom Base Band Units
•
Telecom Shelters:
–
Filter Unit s
–
Power Distribution Units (PDU)
–
Power Monitoring Units (PMU)
–
Wireless Battery Monitoring
–
Remote Electrical Tilt Units (RET)
–
Remote Radio Units (RRU)
–
Tower Mounted Amplifiers (TMA)
•
Vector Signal Analyzers and Generators
•
Video Conferencing: IP-Based HD
•
WiMAX and Wireless Infrastructure Equipment
•
Wireless Communications Testers
•
xDSL Modems and DSLAM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC125ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ADE4 TI-SN74LVC125ADE4 Datasheet
614Kb / 17P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ADE4 TI1-SN74LVC125ADE4 Datasheet
1Mb / 33P
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
More results

Similar Description - SN74LVC125ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com