Electronic Components Datasheet Search
  English  ▼

X  

LM96551 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 4 Page - Texas Instruments

  LM96551 Datasheet HTML 1Page - Texas Instruments LM96551 Datasheet HTML 2Page - Texas Instruments LM96551 Datasheet HTML 3Page - Texas Instruments LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM96551
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS
Pin No.
Name
Type
Function and Connection
Logic control positive output channel P
21, 23, 25, 27, 33, 35, 37,
PIN
Input
1 = ON
39
n=0...7
0 = OFF
Logic control negative output channel N
22, 24, 26, 28, 34, 36, 38,
NIN
Input
1 = ON
40
n=0...7
0 = OFF
59, 60
VOUT7
62, 63
VOUT6
65, 66
VOUT5
68, 69
VOUT4
Output
High voltage output of channels 0 to 7
72, 73
VOUT3
75, 76
VOUT2
78, 79
VOUT1
1, 2
VOUT0
Chip power enable
29
EN
Input
1 = ON
0 = OFF
Output current mode control
31
MODE
Input
1 = Max Current
0 = Low Current
Over-temperature indicating IC temp > 125°C
0 = Over-temperature
30
OTP
Output
1 = Normal temperature
This pin is open-drain.
4, 5, 6, 7, 54, 55, 56, 57
VPP
Power
Positive high voltage power supply (+3.3V to +50V)
11, 12, 13, 14, 47, 48, 49,
VNN
Power
Negative high voltage power supply (-3.3V to -50V)
50
8, 53
VPF
Power
Positive internal floating power supply (VPP -10V)
10, 51
VNF
Power
Negative internal floating power supply (VNN +10V)
18, 43
VDD
Power
Positive level-shifter supply voltage (+10V)
16, 45
VDN
Power
Negative level-shifter supply voltage (-10V)
20, 41
VLL
Power
Logic supply voltage. Hi voltage reference input (+2.5 to +5V)
All VSUB pins must be connected to most negative potential of the IC.
0, 15, 46
VSUB
Power
NOTE: The exposed thermal pad is connected to VSUB.
3, 9, 52, 58, 61, 64, 67, 70,
HVGND
Ground
High voltage reference potential (0V)
71, 74, 77, 80
17, 19, 32, 42, 44
AGND
Ground
Analog and Logic voltage reference input, logic ground (0V)
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com