Electronic Components Datasheet Search
  English  ▼

X  

LM96551 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 1 Page - Texas Instruments

  LM96551 Datasheet HTML 1Page - Texas Instruments LM96551 Datasheet HTML 2Page - Texas Instruments LM96551 Datasheet HTML 3Page - Texas Instruments LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM96551
www.ti.com
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
LM96551 Ultrasound Transmit Pulser
Check for Samples: LM96551
1
FEATURES
APPLICATIONS
2
•
8-Channel High-Voltage CMOS Pulse
•
Ultrasound Imaging
Generator
DESCRIPTION
•
Output Pulses with ±50V and 2A Peak Current
The LM96551 is an eight-channel monolithic high-
•
Active Damper with Built-In Blocking Diodes
voltage, high-speed pulse generator for multi-channel
•
Built-In Floating Supply Voltages for Output
medical ultrasound applications. It is well-suited for
Stage
use with Texas Instrument’s LM965XX series chipset
which offers a complete medical ultrasound solution
•
Up to 15 MHz Operating Frequency
targeted towards low-power, portable systems.
•
Matched Delays for Rising and Falling Edges
The LM96551 contains eight high-voltage pulsers
•
Low Second Harmonic Distortion Allows and
with integrated diodes generating ±50V bipolar pulses
Improves Harmonic Imaging
with peak currents of up to 2A and pulse rates of up
•
Continuous-Wave (CW) Operation Down to
to 15 MHz. Advanced features include low-jitter and
±3.3V
low-phase-noise output pulses ideal for continuous-
•
Low Phase Noise Enables Doppler
wave (CW) modes of operation. Active clamp circuitry
Measurements
is integrated for ensuring low harmonic distortion of
the output signal waveform.
–
-145 dBc/Hz Phase Noise at 10 MHz (1 kHz
offset)
The LM96551 also featuers a low-power operation
mode and over-temperature protection (OTP) which
•
Output State Over-Temperature Protection
are enabled by on-chip temperature sensing and
•
Blocking Diodes for Direct Interface to
power-down logic.
Transducer
•
2.5V to 5.0V CMOS Logic Interface
•
Low-Power Consumption per Channel
•
Over Temperature Protection
KEY SPECIFICATIONS
•
Output voltage ±50 V
•
Output peak current ±2.0 A
•
Output pulse rate Up to 15 MHz
•
Rise/fall delay matching (max) < 3.7 ns
•
Pulser HD2 (5 MHz) -40 dB
•
Operating Temp. 0 to +70 °C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM96551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96551SQ TI1-LM96551SQ Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96551SQE TI1-LM96551SQE Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96551SQX TI1-LM96551SQX Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
More results

Similar Description - LM96551

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
LM96570 Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
Ultrasound HV pulser demonstration board
21-Dec-2010
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com