Electronic Components Datasheet Search
  English  ▼

X  

LM96551 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM96551 Datasheet HTML 2Page - Texas Instruments LM96551 Datasheet HTML 3Page - Texas Instruments LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments LM96551 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LM96551
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
www.ti.com
Analog Characteristics
Unless otherwise stated, the following conditions apply
VLL = +3.3V, VPP =
−VNN = 50V, VSUB = −55V, VDD = −VDN = 10V, RL = 2KΩ, TA = 25°C, Fin=5MHz, Mode = LO, EN =
HI.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FOUT
Output Frequency Range
RL = 100Ω
1
15
MHz
Output Voltage Range
-48.5
+48.5
V
Output Current
2% Duty Cycle
2
A
100% Duty Cycle,
Output Current
0.6
Mode=HI
Second harmonic
HD2
RL = 100Ω, CL = 330pF
-40
dBc
distortion
RON
Output ON Resistance
100 mA
7
11
Ω
Output clamp
Positive or Negative pulse
2
A
VPP
3.2
7
VNN
3.4
8
mA
VDD
12
18
Power Supply Current
Pin = Nin = LO
VDN
8
13
VLL
25
50
µA
VSUB
0.7
6
mA
VPP
3.2
7
VNN
3.4
8
mA
VDD
4
7
En = LO
VDN
3
6.5
VLL
25
50
µA
VSUB
0.7
6
mA
OTP
Over Temperature
125
°C
Protection
σOTP
OTP sigma
3.0
°C
HsysOTP
OTP hysteresis
5.5
°C
AC and Timing Characteristics
Unless otherwise stated, the following conditions apply
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, RL = 100Ω, CL = 330pF, Fin=5MHz, TA = 25°C. Mode
= LO, EN = HI.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
Output rise time
19
29
ns
tf
Output fall time
19
29
tE
Enable time
1
µs
tdr
Delay time on inputs rise
32
39
tdf
Delay time on inputs fall
32
39
ns
| tdr - tdr |
Delay time mismatch
P-to-N(1)
3.7
tdm
Delay on mode change
1
µs
(1)
The delay time mismatch can be adjust to be less than 0.8ns with the LM96570 duty cycle control function.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com