Electronic Components Datasheet Search
  English  ▼

X  

LM96551 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments LM96551 Datasheet HTML 10Page - Texas Instruments LM96551 Datasheet HTML 11Page - Texas Instruments LM96551 Datasheet HTML 12Page - Texas Instruments LM96551 Datasheet HTML 13Page - Texas Instruments LM96551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LM96551
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
www.ti.com
FUNCTIONAL DESCRIPTION
Note that the case, PINn = NNn = HI is not allowed as it will damage the output transistors.
Logic inputs
Output
EN
PINn
NINn
Voutn
1
0
0
0V
1
1
0
VPP - 0.7V
1
0
1
VNN + 0.7V
1
1
1
not allowed
0
X
X
0V
APPLICATIONS INFORMATION
POWER-UP AND POWER-DOWN SEQUENCES
VSUB must always be the most negative supply, i.e., it must be equal to or more negative than the most
negative supply, VNN or VDN.
Power UP Sequence:
1. Turn ON VSUB, hold EN pin LO
2. Turn On VLL
3. Turn ON VDD, VDN, VPP, and VNN
Power DOWN Sequence:
1. Turn OFF VDD, VDN, VPP & VNN
2. Turn OFF VLL
3. Turn OFF VSUB
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com