Electronic Components Datasheet Search
  English  ▼

X  

PCM56P Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM56P
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM56P Datasheet(HTML) 3 Page - Texas Instruments

  PCM56P Datasheet HTML 1Page - Texas Instruments PCM56P Datasheet HTML 2Page - Texas Instruments PCM56P Datasheet HTML 3Page - Texas Instruments PCM56P Datasheet HTML 4Page - Texas Instruments PCM56P Datasheet HTML 5Page - Texas Instruments PCM56P Datasheet HTML 6Page - Texas Instruments PCM56P Datasheet HTML 7Page - Texas Instruments PCM56P Datasheet HTML 8Page - Texas Instruments PCM56P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
PCM56
DC Supply Voltages ......................................................................
±16VDC
Input Logic Voltage ............................................................ –1V to +VS/+VL
Power Dissipation .......................................................................... 850mW
Operating Temperature ..................................................... –25
°C to +70°C
Storage Temperature ...................................................... –60
°C to +100°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PCM56U
16-Pin SOIC
211
PCM56P
16-Pin Plastic DIP
180
PCM56P-J
16-Pin Plastic DIP
180
PCM56P-K
16-Pin Plastic DIP
180
PCM56P-L
16-Pin Plastic DIP
180
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
PIN
DESCRIPTION
MNEMONIC
P1
Analog Negative Supply
–VS
P2
Logic Common
LOG COM
P3
Logic Positive Supply
+VL
P4
No Connection
NC
P5
Clock Input
CLK
P6
Latch Enable Input
LE
P7
Serial Data Input
DATA
P8
Logic Negative Supply
–VL
P9
Voltage Output
VOUT
P10
Feedback Resistor
RF
P11
Summing Junction
SJ
P12
Analog Common
ANA COM
P13
Current Output
IOUT
P14
MSB Adjustment Terminal
MSB ADJ
P15
MSB Trim-pot Terminal
TRIM
P16
Analog Positive Supply
+VS
PIN ASSIGNMENTS
CONNECTION DIAGRAM
16-Bit
DAC Latch
16-Bit Serial
to Parallel
Conversion
Control
Logic and
Level
Shifting
Circuit
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16-Bit
I
OUT
DAC
–5V
+5V
–5V
1µF
1µF
1µF
Logic
Common
–V
S
+V
L
NC
CLK
LE
Data
–V
L
–V
S
Analog
Common
SJ
RF
V
OUT
(±3.0V)
Trim(1)
MSB Adjust(1)
I
OUT
Analog
Output
1µF
+5V
NOTE: (1) MSB error (Bipolar Zero differential linearity error)
can be adjusted to zero using the external circuit shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com