Electronic Components Datasheet Search
  English  ▼

X  

PCM56P Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM56P
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM56P Datasheet(HTML) 1 Page - Texas Instruments

  PCM56P Datasheet HTML 1Page - Texas Instruments PCM56P Datasheet HTML 2Page - Texas Instruments PCM56P Datasheet HTML 3Page - Texas Instruments PCM56P Datasheet HTML 4Page - Texas Instruments PCM56P Datasheet HTML 5Page - Texas Instruments PCM56P Datasheet HTML 6Page - Texas Instruments PCM56P Datasheet HTML 7Page - Texas Instruments PCM56P Datasheet HTML 8Page - Texas Instruments PCM56P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
q SERIAL INPUT
q –92dB MAX THD: FS Input, K Grade
q –74dB MAX THD: –20dB Input, K Grade
q 96dB DYNAMIC RANGE
q NO EXTERNAL COMPONENTS REQUIRED
q 16-BIT RESOLUTION
q 15-BIT MONOTONICITY, TYP
q 0.001% OF FSR TYP DIFFERENTIAL
LINEARITY ERROR
q 1.5
µs SETTLING TIME, TYP: Voltage Out
q
±3V OR ±1mA AUDIO OUTPUT
q EIAJ STC-007-COMPATIBLE
q OPERATES ON
±5V TO ±12V SUPPLIES
q PINOUT ALLOWS I
OUT OPTION
q PLASTIC DIP OR SOIC PACKAGE
This converter is completely self-contained with a
stable, low noise, internal zener voltage reference;
high speed current switches; a resistor ladder net-
work; and a fast settling, low noise output operational
amplifier all on a single monolithic chip. The
converters are operated using two power supplies that
can range from
±5V to ±12V. Power dissipation with
±5V supplies is typically less than 200mW. Also
included is a provision for external adjustment of the
MSB error (differential linearity error at bipolar zero)
to further improve total harmonic distortion (THD)
specifications if desired. Few external components
are necessary for operation, and all critical
specifications are 100% tested. This helps assure the
user of high system reliability and outstanding overall
system performance.
The PCM56 is packaged in a high-quality 16-pin
molded plastic DIP package or SOIC and has passed
operating life tests under simultaneous high-pressure,
high-temperature, and high-humidity conditions.
DESIGNED FOR AUDIO
PCM56P
PCM56U
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
DESCRIPTION
The PCM56 is a state-of-the-art, fully monotonic,
digital-to-analog converter that is designed and
specified for digital audio applications. This device
employs ultra-stable nichrome (NiCr) thin-film
resistors to provide monotonicity, low distortion, and
low differential linearity error (especially around
bipolar zero) over long periods of time and over the
full operating temperature.
RF
Audio
Output
Reference
16-Bit
I
OUT DAC
16-Bit Input Latch
16-Bit Serial-to-Parallel Conversion
Clock LE Data
Serial Input 16-Bit Monolithic
DIGITAL-TO-ANALOG CONVERTER
©1987 Burr-Brown Corporation
PDS-700D
Printed in U.S.A. August, 1993
SBAS149


Similar Part No. - PCM56P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM56P TI2-PCM56P Datasheet
856Kb / 18P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
23-May-2025
logo
Burr-Brown (TI)
PCM56P-J BURR-BROWN-PCM56P-J Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM56P-J TI2-PCM56P-J Datasheet
856Kb / 18P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
23-May-2025
logo
Burr-Brown (TI)
PCM56P-K BURR-BROWN-PCM56P-K Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM56P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818_13 Datasheet
668Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com