Electronic Components Datasheet Search
  English  ▼

X  

PCM56P Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM56P
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM56P Datasheet(HTML) 5 Page - Texas Instruments

  PCM56P Datasheet HTML 1Page - Texas Instruments PCM56P Datasheet HTML 2Page - Texas Instruments PCM56P Datasheet HTML 3Page - Texas Instruments PCM56P Datasheet HTML 4Page - Texas Instruments PCM56P Datasheet HTML 5Page - Texas Instruments PCM56P Datasheet HTML 6Page - Texas Instruments PCM56P Datasheet HTML 7Page - Texas Instruments PCM56P Datasheet HTML 8Page - Texas Instruments PCM56P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
PCM56
STABILITY WITH TIME AND TEMPERATURE
The parameters of a D/A converter designed for audio
applications should be stable over a relatively wide
temperature range and over long periods of time to avoid
undesirable periodic readjustment. The most important
parameters are Bipolar Zero Error, Differential Linearity
Error, and Total Harmonic Distortion. Most of the Offset
and Gain drift with temperature or time is due to the drift of
the internal reference zener diode. The PCM56 is designed
so that these drifts are in opposite directions so that the
Bipolar Zero voltage is virtually unaffected by variations in
the reference voltage. Both DLE and THD are dependent
upon the matching and tracking of resistor ratios and upon
VBE and hFE of the current-source transistors. The PCM56
was designed so that any absolute shift in these components
has virtually no effect on DLE or THD. The resistors are
made of identical links of ultra-stable nichrome thin-film.
The current density in these resistors is very low to further
enhance their stability.
DYNAMIC RANGE
The Dynamic Range is a measure of the ratio of the smallest
signals the converter can produce to the full-scale range and
is usually expressed in decibels (dB). The theoretical dynamic
range of a converter is approximately 6 x n, or about 96dB
of a 16-bit converter. The actual, or useful, dynamic range is
limited by noise and linearity errors and is therefore somewhat
less than the theoretical limit. However, this does point out
that a resolution of at least 16 bits is required to obtain a
90dB minimum dynamic range, regardless of the accuracy
of the converter. Another specification that is useful for
audio applications is Total Harmonic Distortion.
TOTAL HARMONIC DISTORTION
THD is useful in audio applications and is a measure of the
magnitude and distribution of the Linearity Error, Differential
Linearity Error, and Noise, as well as Quantization Error. To
be useful, THD should be specified for both high level and
low level input signals. This error is unadjustable and is the
most meaningful indicator of D/A converter accuracy for
audio applications.
FIGURE 3. Full Scale Range Settling Time vs Accuracy.
Settling Time (µs)
0.01
1.0
0.3
0.1
0.03
0.01
0.003
0.001
R
L = 200Ω
0.1
1.0
10.0
Current
Output
Mode
Voltage
Output
Mode
The THD is defined as the ratio of the square root of the sum
of the squares of the values of the harmonics to the value of
the fundamental input frequency and is expressed in percent
or dB. The rms value of the PCM56 error referred to the
input can be shown to be:
where n is the number of samples in one cycle of any given
sine wave, EL(i) is the linearity error of the PCM56 at each
sampling point, and EQ(i) is the quantization error at each
sampling point. The THD can then be expressed as:
=
100%
Erms
where Erms is the rms signal-voltage level.
This expression indicates that, in general, there is a correlation
between the THD and the square root of the sum of the
squares of the linearity errors at each digital word of interest.
However, this expression does not mean that the worst-case
linearity error of the D/A is directly correlated to the THD.
For the PCM56 the test period was chosen to be 22.7
µs
(44.1kHz), which is compatible with the EIAJ STC-007
specification for PCM audio. The test frequency is 991Hz
and the amplitude of the input signal is 0dB, –20dB, and
–60dB down from full scale.
Figure 4 shows the typical THD as a function of output
voltage.
Figure 5 shows typical THD as a function of frequency.
(1)
∈
rms =
1/n
E
L
(i )
+ E
Q
(i)


2
i
= 1
n
∑
1/n
E
L
(i )
+ E
Q
(i)


2
i
= 1
n
∑
(2)
THD
=∈
rms /E rms
FIGURE 4. Total Harmonic Distortion (THD) vs V
OUT.
X
V
OUT (dB)
–60
10.0
0dB = Full Scale Range (FSR)
–60
–50
–40
–30
–20
–10
0
1.0
0.1
0.01
0.001
14 Bits
16 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com