Electronic Components Datasheet Search
  English  ▼

X  

PCM56P Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM56P
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM56P Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM56P Datasheet HTML 4Page - Texas Instruments PCM56P Datasheet HTML 5Page - Texas Instruments PCM56P Datasheet HTML 6Page - Texas Instruments PCM56P Datasheet HTML 7Page - Texas Instruments PCM56P Datasheet HTML 8Page - Texas Instruments PCM56P Datasheet HTML 9Page - Texas Instruments PCM56P Datasheet HTML 10Page - Texas Instruments PCM56P Datasheet HTML 11Page - Texas Instruments PCM56P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
PCM56
SECOND GENERATION SYSTEMS
One method of avoiding the problems associated with a
higher order analog filter would be to use digital filter
oversampling techniques. Oversampling by a factor of two
would move the sampling frequency (88.2kHz) out to a
point where only a simple low-order phase-linear analog
filter is required after the deglitcher output to remove
unwanted intermodulation products. In a digital compact
disc application, various VLSI chips perform the functions
of error detection/correction, digital filtering, and formatting
of the digital information to provide the clock, latch enable,
and serial input to the PCM56. These VLSI chips are
available from several sources (Sony, Yamaha, Signetics,
etc.) and are specifically optimized for digital audio
applications.
Oversampled circuitry requires a very fast D/A converter
since the sampling frequency is multiplied by a factor of two
or more (for each output channel). A single PCM56 can
provide two-channel oversampling at a 4X rate (176.4kHz/
channel) and still remain well within the settling time
requirements for maintaining specified THD performance.
This would reduce the complexities of the analog filter even
further from that used in 2X oversampling circuitry.
FIGURE 9. A Sample/Hold Amplifier (Deglitcher) is Required at the Digital-to-Analog Output for Both Left and Right Channels.
FIGURE 10. Timing Diagram for the Deglitcher Control Signals.
R
2
2.2k
Ω
A
1
(1)
C
1
680pF
C
B
A
Left Channel
Output to LPF
SW
1
MP7512
(Micro Power)
R
4
2.2k
Ω
A
2
(1)
C
2
680pF
C
B
A
Right Channel
Output to LPF
SW
2
MP7512
(Micro Power)
R
1
2.2k
Ω
R
3
2.2k
Ω
NOTE: (1) 1 OPA101AM or 1/4 OPA404KP or 1 OPA606KP or OPA2604.
PCM56
Serial Data
Clock
Latch Enable
Left Channel
Deglitcher Control
Right Channel
Deglitcher Control
A "low" signal on the deglitcher control closes switch "A",
while a "high" signal closes switch "B".
Latch Enable
Right Channel
Serial Data
44.1kHz
Left Channel
Left Channel
Right Channel
Right Channel
Deglitcher Control
Left Channel
Deglitcher Control
t
DELAY 4.5µs max
t
= 1.5µs DAC Settling Time
ω
The deglitcher control signals by timing control logic. The fast settling time of the PCM56 makes it possible to
minimize the delay between left and right channels to about 4.5µs, which reduces phase error at the higher audio frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com