Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Single-Ended Analog Input/Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2900CDB Datasheet HTML 17Page - Texas Instruments PCM2900CDB Datasheet HTML 18Page - Texas Instruments PCM2900CDB Datasheet HTML 19Page - Texas Instruments PCM2900CDB Datasheet HTML 20Page - Texas Instruments PCM2900CDB Datasheet HTML 21Page - Texas Instruments PCM2900CDB Datasheet HTML 22Page - Texas Instruments PCM2900CDB Datasheet HTML 23Page - Texas Instruments PCM2900CDB Datasheet HTML 24Page - Texas Instruments PCM2900CDB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
Clock and Reset
The PCM2900C/2902C requires a 12-MHz (
±500 ppm) clock for the USB and audio functions, which can be
generated by a built-in crystal oscillator with a 12-MHz crystal resonator. The 12-MHz crystal resonator must be
connected to XTI (pin 21) and XTO (pin 20) with one high (1-M
Ω) resistor and two small capacitors, the
capacitance of which depends on the load capacitance of the crystal resonator. The external clock can be
supplied from XTI (pin 21). If the external clock is supplied, XTO (pin 20) must be left open. Because there is no
clock-disabling signal, it is not recommended to use the external clock supply. SSPND (pin 28) is unable to use
clock disabling.
The PCM2900C/2902C has an internal power-on reset circuit, which triggers automatically when VBUS (pin 3)
exceeds 2.5 V typical (2.7 V to 2.2 V). Approximately 700
μs is required until internal reset release.
Digital Audio Interface (PCM2902C)
The PCM2902C employs both S/PDIF input and output. Isochronous-out data from the host are encoded to the
S/PDIF output and the DAC analog output. Input data are selected as either S/PDIF or ADC analog input. When
the device detects an S/PDIF input and successfully locks the received data, the isochronous-in transfer data
source is automatically selected from S/PDIF itself; otherwise, the data source is selected to ADC analog input.
This feature is a customer option. It is the responsibility of the user to implement this feature.
Supported Input/Output Data (PCM2902C)
The following data formats are accepted by the S/PDIF input and output. All other data formats are unable to use
S/PDIF.
•
48-kHz 16-bit stereo
•
44.1-kHz 16-bit stereo
•
32-kHz 16-bit stereo
Any mismatch of the sampling rate between the input S/PDIF signal and the host command is not acceptable.
Any mismatch of the data format between the input S/PDIF signal and the host command may cause unexpected
results, with the following exceptions:
•
Recording in monaural format from stereo data input at the same data rate
•
Recording in 8-bit format from 16-bit data input at the same data rate
A combination of these two conditions is not acceptable.
For playback, all possible data rate sources are converted to 16-bit stereo format at the same source data rate.
Channel Status Information (PCM2902C)
The channel status information is fixed as consumer application, PCM mode, copyright, and digital/digital
converter. All other bits are fixed as 0s except for the sample frequency, which is set automatically according to
the data received through the USB.
Copyright Management (PCM2902C)
Isochronous-in data are affected by the serial copy management system (SCMS). When receiving digital audio
data that are indicated as original data in the control bit, input digital audio data transfer to the host. If the data
are indicated as first generation or higher, the transferred data are routed to the analog input.
Digital audio data output is always encoded as original with SCMS control.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com