Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Single-Ended Analog Input/Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 1 Page - Texas Instruments

  PCM2900CDB Datasheet HTML 1Page - Texas Instruments PCM2900CDB Datasheet HTML 2Page - Texas Instruments PCM2900CDB Datasheet HTML 3Page - Texas Instruments PCM2900CDB Datasheet HTML 4Page - Texas Instruments PCM2900CDB Datasheet HTML 5Page - Texas Instruments PCM2900CDB Datasheet HTML 6Page - Texas Instruments PCM2900CDB Datasheet HTML 7Page - Texas Instruments PCM2900CDB Datasheet HTML 8Page - Texas Instruments PCM2900CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Burr-BrownAudio
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
Stereo Audio Codec with USB Interface,
Single-Ended Analog Input/Output, and S/PDIF
Check for Samples: PCM2900C, PCM2902C
1
FEATURES
•
Stereo DAC:
– Analog Performance at VBUS = 5 V:
234
•
PCM2900C: Without S/PDIF
– THD+N = 0.005%
•
PCM2902C: With S/PDIF
– SNR = 96 dB
•
On-Chip USB Interface:
– Dynamic Range = 93 dB
– With Full-Speed Transceivers
– Oversampling Digital Filter:
– Fully Compliant with USB 2.0 Specification
– Passband Ripple = ±0.1 dB
– Certified by USB-IF
– Stop Band Attenuation = –43 dB
– Partially Programmable Descriptors
– Single-Ended Voltage Output
– USB Adaptive Mode for Playback
– Analog LPF Included
– USB Asynchronous Mode for Record
•
Multifunctions:
– Bus Powered
– Human Interface Device (HID) Function:
•
16-Bit Delta-Sigma ADC and DAC
– Volume and Mute Controls
•
Sampling Rate:
– Suspend Flag Function
– DAC: 32 kHz, 44.1 kHz, 48 kHz
•
28-Pin SSOP Package
– ADC: 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz,
32 kHz, 44.1 kHz, 48 kHz
APPLICATIONS
•
On-Chip Clock Generator with Single 12-MHz
Clock Source
•
USB Audio Speaker
•
Single Power Supply:
•
USB Headset
– 5 V Typical (VBUS)
•
USB Monitor
•
Stereo ADC:
•
USB Audio Interface Box
– Analog Performance at VBUS = 5 V:
DESCRIPTION
– THD+N = 0.01%
The
PCM2900C/2902C
are
Texas
Instruments
'
– SNR = 89 dB
single-chip,
USB,
stereo
audio
codecs
with
a
– Dynamic Range = 89 dB
USB-compliant full-speed protocol controller and
S/PDIF
(PCM2902C
only).
The
USB
protocol
– Decimation Digital Filter:
controller
requires
no
software
code.
The
– Passband Ripple = ±0.05 dB
PCM2900C/2902C employ SpAct
™ architecture, TI's
– Stop Band Attenuation = –65 dB
unique system that recovers the audio clock from
USB packet data. On-chip analog PLLs with SpAct
– Single-Ended Voltage Input
architecture enable playback and record with low
– Antialiasing Filter Included
clock jitter as well as independent playback and
– Digital HPF Included
record sampling rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2900CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900CDB TI2-PCM2900CDB Datasheet
931Kb / 36P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
SEPTEMBER 2011
PCM2900CDB TI2-PCM2900CDB Datasheet
932Kb / 36P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
SEPTEMBER 2011
PCM2900CDB.B TI2-PCM2900CDB.B Datasheet
931Kb / 36P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
SEPTEMBER 2011
PCM2900CDB.B TI2-PCM2900CDB.B Datasheet
932Kb / 36P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
SEPTEMBER 2011
More results

Similar Description - PCM2900CDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
Single-Ended Analog Input/Output Stereo Audio Codec
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
4-channel analog input; 짹10 VDC; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com